Electronic Components Datasheet Search
  English  ▼

X  

LANEH2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEH2
Description  3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEH2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEH2 Datasheet HTML 1Page - Wall Industries,Inc. LANEH2 Datasheet HTML 2Page - Wall Industries,Inc. LANEH2 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH2 SERIES
3KVDC I/O Isolation
Single and Dual Output
2 Watt DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage Range
Output Voltage
Output Current
LANE3.305NH2
5 VDC
400mA
LANE3.309NH2
9 VDC
222mA
LANE3.312NH2
12 VDC
167mA
LANE3.315NH2
15 VDC
133mA
LANE3.305NDH2
±5 VDC
±200mA
LANE3.309NDH2
±9 VDC
±111mA
LANE3.312NDH2
±12 VDC
±83mA
LANE3.315NDH2
3.3 VDC
(3.135 – 3.465 VDC)
±15 VDC
±67mA
LANE505NH2
5 VDC
400mA
LANE509NH2
9 VDC
222mA
LANE512NH2
12 VDC
167mA
LANE515NH2
15 VDC
133mA
LANE505NDH2
±5 VDC
±200mA
LANE509NDH2
±9 VDC
±111mA
LANE512NDH2
±12 VDC
±83mA
LANE515NDH2
5 VDC
(4.75 – 5.25 VDC)
±15 VDC
±67mA
LANE1205NH2
5 VDC
400mA
LANE1209NH2
9 VDC
222mA
LANE1212NH2
12 VDC
167mA
LANE1215NH2
15 VDC
133mA
LANE1205NDH2
±5 VDC
±200mA
LANE1209NDH2
±9 VDC
±111mA
LANE1212NDH2
±12 VDC
±83mA
LANE1215NDH2
12 VDC
(11.4 – 12.6 VDC)
±15 VDC
±67mA
LANE1505NH2
5 VDC
400mA
LANE1509NH2
9 VDC
222mA
LANE1512NH2
12 VDC
167mA
LANE1515NH2
15 VDC
133mA
LANE1505NDH2
±5 VDC
±200mA
LANE1509NDH2
±9 VDC
±111mA
LANE1512NDH2
±12 VDC
±83mA
LANE1515NDH2
15 VDC
(14.25 – 15.75 VDC)
±15 VDC
±67mA
LANE2405NH2
5 VDC
400mA
LANE2409NH2
9 VDC
222mA
LANE2412NH2
12 VDC
167mA
LANE2415NH2
15 VDC
133mA
LANE2405NDH2
±5 VDC
±200mA
LANE2409NDH2
±9 VDC
±111mA
LANE2412NDH2
±12 VDC
±83mA
LANE2415NDH2
24 VDC
(22.8 – 25.2 VDC)
±15 VDC
±67mA
LANE4805NH2
5 VDC
400mA
LANE4809NH2
9 VDC
222mA
LANE4812NH2
12 VDC
167mA
LANE4815NH2
15 VDC
133mA
LANE4805NDH2
±5 VDC
±200mA
LANE4809NDH2
±9 VDC
±111mA
LANE4812NDH2
±12 VDC
±83mA
LANE4815NDH2
48 VDC
(45.6 – 50.4 VDC)
±15 VDC
±67mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com