Electronic Components Datasheet Search
  English  ▼

X  

LANEW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANEW
Description  2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANEW Datasheet HTML 1Page - Wall Industries,Inc. LANEW Datasheet HTML 2Page - Wall Industries,Inc. LANEW Datasheet HTML 3Page - Wall Industries,Inc. LANEW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW Series
2 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
FEATURES
● Low Ripple & Noise
● 2 Watts Output Power
● Single and Dual Output
● External ON/OFF Control
● 2:1 Wide Input Voltage Range
● UL94-V0 Case Potting Materials
● Continuous Short Circuit Protection
● Input to Output Isolation up to 1KVDC
● SIP Package: 0.86 x 0.36 x 0.44 Inches
● No External Input and Output Capacitor Needed
SPECIFICATIONS: LANEW Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9 VDC
9 – 18 VDC
18 – 36 VDC
36 – 75 VDC
Input Current
See Table
Input Filter
Capacitor Type
Input Voltage Variation
dv/dt
5V/ms, max
(Complies)
Input Surge Voltage (100ms max)
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15 VDC
36 VDC
50 VDC
100 VDC
Input Reflected Ripple Current
(There is an external capacitor at input (See Note 2))
5V nominal input (100µF)
12V nominal input (100µF)
24V nominal input (10µF)
48V nominal input (10µF)
400mAp-p
150mAp-p
380mVp-p
170mVp-p
Start Up Time
(Nominal Vin and constant resistive Load)
Power Up
Remote ON/OFF
1ms typ
1ms typ
DC-DC ON
DC-DC OFF
Remote OFF Input Current (nominal input)
Open or high impedance
Control pin applied current
4 ~ 8mA max (via 1KΩ)
1mA max
Remote ON/OFF
Application Circuit
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy (Full load and nominal Vin)
±1%
Line Regulation (Low line to high line at full load)
±0.5%
Load Regulation (25% to 100% full load)
Single Output
Dual Output
±0.75%
±1%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
±5%
Minimum Load (See Note 1)
10% of full load


Similar Part No. - LANEW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW1205R WALL-LANEW1205R Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW1205R3 WALL-LANEW1205R3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW1205R3 WALL-LANEW1205R3 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
LANEW1205R3H WALL-LANEW1205R3H Datasheet
168Kb / 4P
Low Ripple & Noise
More results

Similar Description - LANEW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com