Electronic Components Datasheet Search
  English  ▼

X  

LANH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANH
Description  SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANH Datasheet HTML 1Page - Wall Industries,Inc. LANH Datasheet HTML 2Page - Wall Industries,Inc. LANH Datasheet HTML 3Page - Wall Industries,Inc. LANH Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package
Single and Dual Output
1 Watt DC/DC Converter
FEATURES
● 1000VDC I/O Isolation
● Miniature Package Size
● Single and Dual Outputs
● Up to 1 Watt Output Power
● Input 5, 12, 15, 24, and 48VDC
● Industrial Grade (“I” option): –40°C to +85°C
SPECIFICATIONS: LAN H Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ................................................... ±10%
Nominal Input Voltages.............. 5, 12, 15, 24, and 48 VDC
OUTPUT SPECIFICATIONS
Output Voltage .......................................................see table
Voltage Tolerance......................................................... ±5%
Output Current .......................................................see table
Output Power .................................................... 1 Watt max.
Line Regulation (10% to 100% load) .........±1.3% / % of Vin
Load Regulation (10% to 100% load)
5V output .......................................................... 15% max
9V, 12V, and 15V outputs ................................ 10% max
Ripple/Noise (20MHz BW)..........................100mVp-p max.
GENERAL SPECIFICATIONS
Efficiency (at full load) ............................................. 70% typ.
Switching Frequency.......................................... 20KHz min.
Isolation Voltage (Input to Output) ........................ 1000VDC
Isolation Resistance ............................. 1000MΩ @ 500VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature................................ -25°C ~ +70°C)
“I” suffix ............................... -40°C ~ +85°C (see note 1)
Storage Temperature .................................. -40°C ~ +105°C
Cooling ................................................... Free air convection
PHYSICAL SPECIFICATIONS
Dimensions
Single Outputs .................. 0.45(L) x 0.24(W) x 0.39(H) inches
Dual Outputs..................... 0.50(L) x 0.50(W) x 0.37(H) inches
Case Material ......................... Non-Conductive black plastic
Due to advances in technology, specifications subject to change without notice


Similar Part No. - LANH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANH1205N2 WALL-LANH1205N2 Datasheet
278Kb / 5P
Non-Regulated Single Outputs
LANH1205N2DIL WALL-LANH1205N2DIL Datasheet
278Kb / 5P
Non-Regulated Single Outputs
LANH1209N2 WALL-LANH1209N2 Datasheet
278Kb / 5P
Non-Regulated Single Outputs
LANH1209N2DIL WALL-LANH1209N2DIL Datasheet
278Kb / 5P
Non-Regulated Single Outputs
LANH1212N2 WALL-LANH1212N2 Datasheet
278Kb / 5P
Non-Regulated Single Outputs
More results

Similar Description - LANH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE6KV WALL-LANE6KV Datasheet
200Kb / 8P
Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANEH WALL-LANEH Datasheet
293Kb / 4P
Single and Dual Output 1 Watt DC/DC Converter
logo
MORNSUN Science& Techno...
WRE0505CKS-1W MORNSUN-WRE0505CKS-1W Datasheet
140Kb / 2P
DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
VRB1203D-30W MORNSUN-VRB1203D-30W Datasheet
106Kb / 2P
DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
WRA0505CKS-1W MORNSUN-WRA0505CKS-1W Datasheet
156Kb / 2P
DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
Wall Industries,Inc.
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
1 Watt DC/DC Converter Single and Dual Output
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
1 Watt DC/DC Converter Single and Dual Output
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
1 Watt DC/DC Converter Single and Dual Output
RBA1 WALL-RBA1 Datasheet
590Kb / 7P
1 Watt Single Output DC/DC DIP & SIP Mount Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com