Electronic Components Datasheet Search
  English  ▼

X  

AD7837 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7837
Description  LC2MOS Complete, Dual 12-Bit MDACs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7837 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7837 Datasheet HTML 5Page - Analog Devices AD7837 Datasheet HTML 6Page - Analog Devices AD7837 Datasheet HTML 7Page - Analog Devices AD7837 Datasheet HTML 8Page - Analog Devices AD7837 Datasheet HTML 9Page - Analog Devices AD7837 Datasheet HTML 10Page - Analog Devices AD7837 Datasheet HTML 11Page - Analog Devices AD7837 Datasheet HTML 12Page - Analog Devices AD7837 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD7837/AD7847
REV. C
–9–
APPLICATIONS
PROGRAMMABLE GAIN AMPLIFIER (PGA)
The dual DAC/amplifier combination along with access to RFB
make the AD7837 ideal as a programmable gain amplifier. In this
application, the DAC functions as a programmable resistor in the
amplifier feedback loop. This type of configuration is shown
in Figure 17 and is suitable for ac gain control. The circuit con-
sists of two PGAs in series. Use of a dual configuration provides
greater accuracy over a wider dynamic range than a single PGA
solution. The overall system gain is the product of the individual
gain stages. The effective gains for each stage are controlled by
the DAC codes. As the code decreases, the effective DAC
resistance increases, and so the gain also increases.
DAC B
AGNDA
VOUTB
VREFB
VIN
RFBB
AD7837
VOUT
RFBA
AGNDB
DAC A
VOUTA
VREFA
Figure 17. Dual PGA Circuit
The transfer function is given by
VOUT
VIN
=
REQA
RFBA
×
REQB
RFBB
(1)
where REQA, REQB are the effective DAC resistances controlled
by the digital input code:
REQ
=
212 RIN
N
(2)
where RIN is the DAC input resistance and is equal to RFB and
N = DAC input code in decimal.
The transfer function in (1) thus simplifies to
VOUT
VIN
=
212
N A
×
212
NB
(3)
where NA = DAC A input code in decimal and NB = DAC B
input code in decimal.
NA, NB may be programmed between 1 and (2
12–1). The zero
code is not allowed as it results in an open loop amplifier
response. To minimize errors, the digital codes NA and NB
should be chosen to be equal to or as close as possible to each
other to achieve the required gain.
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
Figure 16 shows the AD7837/AD7847 connected for bipolar
operation. The coding is offset binary as shown in Table IV.
When VIN is an ac signal, the circuit performs 4-quadrant multi-
plication. To maintain the gain error specifications, resistors R1,
R2 and R3 should be ratio matched to 0.01%. Note that on the
AD7847 the feedback resistor RFB is internally connected to
VOUT.
DAC A
AGNDA
VOUTA
VREFA
VIN
DGND
VSS
RFBA
*
VDD
VDD
AD7837
AD7847
*INTERNALLY
CONNECTED
ON AD7847
R3
10k
R1
20k
AD711
R2
20k
VOUT
VSS
Figure 16. Bipolar Offset Binary Operation
Table IV. Bipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1111 1111 1111
+V
IN
×
2047
2048


1000 0000 0001
+V
IN
×
1
2048


1000 0000 0000
0 V
0111 1111 1111
–VIN
×
1
2048


0000 0000 0000
–VIN
×
2048
2048


= –V
IN
Note 1 LSB =
V
IN
2048
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com