Electronic Components Datasheet Search
  English  ▼

X  

AD7847ANN Datasheet(PDF) 12 Page - Analog Devices

Part # AD7847ANN
Description  LC2MOS Complete, Dual 12-Bit MDACs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7847ANN Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7847ANN Datasheet HTML 5Page - Analog Devices AD7847ANN Datasheet HTML 6Page - Analog Devices AD7847ANN Datasheet HTML 7Page - Analog Devices AD7847ANN Datasheet HTML 8Page - Analog Devices AD7847ANN Datasheet HTML 9Page - Analog Devices AD7847ANN Datasheet HTML 10Page - Analog Devices AD7847ANN Datasheet HTML 11Page - Analog Devices AD7847ANN Datasheet HTML 12Page - Analog Devices AD7847ANN Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD7837/AD7847
REV. C
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD7837–6502/6809 Interface
Figure 25 shows an interface between the AD7837 and the 6502
or 6809 microprocessor. For the 6502 microprocessor, the
φ2
clock is used to generate the
WR, while for the 6809 the E sig-
nal is used.
WR
R/
W
ADDRESS
DECODE
CS
LDAC
DB7
DB0
D7
D0
6502/6809
AD7837*
ADDRESS BUS
DATA BUS
*ADDITIONAL PINS OMITTED FOR CLARITY
A0 A1
EN
A15
A0
2 OR E
Figure 25. AD7837 to 6502/6809 Interface
24-Lead SOIC (R-24)
0.013 (0.32)
0.009 (0.23)
6
0
0.03 (0.76)
0.02 (0.51)
0.042 (1.067)
0.018 (0.457)
SEATING
PLANE
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.096 (2.44)
0.089 (2.26)
0.05
(1.27)
24
13
12
1
0.414 (10.52)
0.398 (10.10)
0.299 (7.6)
0.291 (7.39)
PIN 1
0.608 (15.45)
0.596 (15.13)
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL EITHER BE TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Cerdip (Q-24)
24
112
13
PIN 1
0.295
(7.493)
MAX
15°
0°
0.320 (8.128)
0.290 (7.366)
0.012 (0.305)
0.008 (0.203)
TYP
0.180
(4.572)
MAX
SEATING
PLANE
0.225 (5.715)
MAX
1.290 (32.77) MAX
0.021 (0.533)
0.015 (0.381)
TYP
0.070 (1.778)
0.020 (0.508)
0.110 (2.794)
0.090 (2.286)
TYP
0.125 (3.175)
MIN
0.065 (1.651)
0.055 (1.397)
1. LEAD NO. 1 IDENTIFIED BY A DOT OR NOTCH.
2. CERDIP LEADS WILL EITHER BE TIN PLATED OR SOLDER DIPPED.
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
24-Lead Plastic DIP (N-24)
24
112
13
PIN 1
1.228 (31.19)
1.226 (31.14)
0.261
0.001
(6.61
0.03)
0.130 (3.30)
0.128 (3.25)
SEATING
PLANE
0.02 (0.5)
0.016 (0.41)
0.07 (1.78)
0.05 (1.27)
0.11 (2.79)
0.09 (2.28)
0.011 (0.28)
0.009 (0.23)
0.32 (8.128)
0.30 (7.62)
15°
0°
1. LEAD NO. 1 IDENTIFIED BY A DOT OR NOTCH.
2. PLASTIC LEADS WILL EITHER BE SOLDER DIPPED OR TIN LEAD PLATED.
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com