Electronic Components Datasheet Search
  English  ▼

X  

EM620FV8B Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM620FV8B
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM620FV8B Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM620FV8B Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM620FV8B Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM620FV8B Series
Low Power, 256Kx8 SRAM
1
Document Title
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
June 7, 2007
0.1
0.1 Revision
Remove BYTE option information
June 15, 2007
0.2
0.2 Revision
Remove UB, LB information
June 21, 2007
0.3
0.3 Revision
Revised VOH(2.2v to 2.4v),tOH(15ns to 10ns),
tOE-55(30ns to 25ns), tWP-55(45ns to 40ns),
tWP-70(55ns to 50ns), tWHZ-70(25ns to 20ns),
ICC(2mA to 3mA), ICC1(2mA to 3mA)
July 2, 2007
0.4
0.4 Revision
VIH level change from 2.0V to 2.2V
Aug. 16, 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code : 690-719
Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM620FV8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV8B-45LF EMLSI-EM620FV8B-45LF Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B-45LL EMLSI-EM620FV8B-45LL Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B-85LF EMLSI-EM620FV8B-85LF Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B-85LL EMLSI-EM620FV8B-85LL Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM620FV8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com