Electronic Components Datasheet Search
  English  ▼

X  

PS2K0 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PS2K0
Description  2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS2K0 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PS2K0 Datasheet HTML 1Page - Wall Industries,Inc. PS2K0 Datasheet HTML 2Page - Wall Industries,Inc. PS2K0 Datasheet HTML 3Page - Wall Industries,Inc. PS2K0 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS2K0 Series
2000 Watt Single Output
PFC and Current Sharing
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Output Current
Maximum Output Power
Ripple & Noise
Efficiency
PS2K0-09
9 VDC
222A
1998W
150mVp-p
83%
PS2K0-12
12 VDC
166A
1992W
150mVp-p
84%
PS2K0-15
15 VDC
133A
1995W
150mVp-p
85%
PS2K0-18
18 VDC
111.1A
2000W
180mVp-p
86%
PS2K0-24
24 VDC
83A
1992W
240mVp-p
88%
PS2K0-36
36 VDC
55.5A
1998W
360mVp-p
88%
PS2K0-48
48 VDC
41A
1968W
480mVp-p
89%
PS2K0-60
60 VDC
33A
1980W
600mVp-p
90%
NOTES
1. Input voltage is 90 ~ 260VAC however, the unit does not reach full power until >170VAC. See derating curve below.
2. Dimensions of the mechanical drawing are shown in millimeters and inches.
3. Weight of the unit is 8900 grams.
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com