Electronic Components Datasheet Search
  English  ▼

X  

PS600 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PS600
Description  600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS600 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PS600 Datasheet HTML 1Page - Wall Industries,Inc. PS600 Datasheet HTML 2Page - Wall Industries,Inc. PS600 Datasheet HTML 3Page - Wall Industries,Inc. PS600 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS600 Series
600 Watt Single Output
PFC and Current Sharing
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Output Current
Maximum Output Power
Ripple & Noise
Efficiency
PS600S-P005
5 VDC
100.0A
500W
1%
78%
PS600S-P009
9 VDC
66.7A
600W
1%
83%
PS600S-P012
12 VDC
50.0A
600W
1%
84%
PS600S-P015
15 VDC
40.0A
600W
1%
85%
PS600S-P018
18 VDC
33.3A
600W
1%
85%
PS600S-P024
24 VDC
25.0A
600W
1%
88%
PS600S-P036
36 VDC
16.6A
600W
1%
88%
PS600S-P048
48 VDC
12.5A
600W
1%
89%
PS600S-P060
60 VDC
10.0A
600W
1%
90%
NOTES
1. Input voltage is 90 ~ 260VAC however, the unit does not reach full power until >170VAC. See derating curve below.
2. Dimensions of the mechanical drawing are shown in millimeters and inches.
3. Weight of the unit is 2300 grams.
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com