Electronic Components Datasheet Search
  English  ▼

X  

B7646 Datasheet(PDF) 1 Page - EPCOS

Part # B7646
Description  SAW Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7646 Datasheet(HTML) 1 Page - EPCOS

  B7646 Datasheet HTML 1Page - EPCOS B7646 Datasheet HTML 2Page - EPCOS B7646 Datasheet HTML 3Page - EPCOS B7646 Datasheet HTML 4Page - EPCOS B7646 Datasheet HTML 5Page - EPCOS B7646 Datasheet HTML 6Page - EPCOS B7646 Datasheet HTML 7Page - EPCOS B7646 Datasheet HTML 8Page - EPCOS B7646 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© EPCOS AG 2007. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Duplexer
for WCDMA Band I (UMTS)
Series/type:
Ordering code:
B7646
B39212B7646B310
Date:
Version:
October 10, 2007
2.4


Similar Part No. - B7646

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
More results

Similar Description - B7646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
SAW COMPONENTS
logo
EPCOS
B3583 EPCOS-B3583 Datasheet
56Kb / 5P
SAW Components
B3734 EPCOS-B3734 Datasheet
79Kb / 11P
SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
SAW Components
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
SAW Components
logo
EPCOS
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
SAW Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com