Electronic Components Datasheet Search
  English  ▼

X  

PSAFC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAFC
Description  10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAFC Datasheet HTML 1Page - Wall Industries,Inc. PSAFC Datasheet HTML 2Page - Wall Industries,Inc. PSAFC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAFC Series
10 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
FEATURES
● High Efficiency
● Regulated Output
● Low Ripple and Noise
● Universal Input Range
● CE, CB, cUL, TUV Approvals
● Fully Encapsulated Plastic Case
● Switching Power Module for PCB Mounting
SPECIFICATIONS: PSAFC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC
Input Frequency
47 ~ 440Hz
Input Current (Full Load)
220mA max @ 115VAC, 150mA max @ 230VAC
Inrush Current (< 2ms)
10A max @ 115VAC, 20A max @ 230VAC
Leakage Current
12mA max 0.6W @ 115VAC, 14mA max 0.9W @ 230VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
10 Watts max.
Voltage Accuracy
±2%
Line Regulation (LL – HL)
±0.3% typical
Load Regulation (5% to 100%)
±0.5% typical
Output Current
See Table
Ripple (Vp-p)
< 0.2% Vout +40mV max.
Noise (Vp-p)
< 0.5% Vout +50mV max.
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model.
Hold Up Time
15ms min.
Temperature Coefficient
±0.02%/°C
PROTECTION
Over Current Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
External Fuse Recommendation for Input
1.5A slow blow type
GENERAL SPECIFICATIONS
Switching Frequency
125KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +70°C (with derating)
Storage Temperature
-40°C to +85°C
Humidity
20 - 85% RH
Vibration
10-55Hz 0.5mm width/ 1 minute cycle.
Shock
20 G (3 directions each 3 times)
Cooling
Free air convection
MTBF
> 330,000 hours @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
54g
Dimensions
2.06(L) x 1.07(W) x 0.93(H) inches
(52.4(L) x 27.2(W) x 23.5(H) mm)
SAFETY & EMC
Agency Approvals
UL/cUL, CE, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024


Similar Part No. - PSAFC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
170Kb / 5P
Isolation Class II
PSAFC-12S WALL-PSAFC-12S Datasheet
170Kb / 5P
Isolation Class II
PSAFC-12S-E1A2 WALL-PSAFC-12S-E1A2 Datasheet
170Kb / 5P
Isolation Class II
PSAFC-12S-E1A5 WALL-PSAFC-12S-E1A5 Datasheet
170Kb / 5P
Isolation Class II
PSAFC-15S WALL-PSAFC-15S Datasheet
170Kb / 5P
Isolation Class II
More results

Similar Description - PSAFC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAQC60 WALL-PSAQC60 Datasheet
199Kb / 3P
For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSATC WALL-PSATC_18 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com