| Electronic Components Datasheet Search |
|
ICS251PMI Datasheet(PDF) 9 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS251PMI Datasheet(HTML) 9 Page - Integrated Device Technology |
|
9 / 10 page ![]() ICS251 FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 9 ICS251 REV B 061306 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. The ICS251M-XX, ICS251M-XXLF, ICS251MI-XX, and ICS251MI-XXLF are factory programmed versions of the ICS251PM, ICS251PMLF, ICS251PMI, and ICS251PMILF. A unique “-XX” suffix is assigned by the factory for each custom configuration, and a separate data sheet is kept on file. For more information on custom part numbers programmed at the factory, please contact your local IDT sales and marketing representative. While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. VersaClock TM is a trademark of Integrated Circuit Systems, Inc. All rights reserved. Part / Order Number Marking Shipping Packaging Package Temperature ICS251PM See Page 7 Above Tubes 8-pin SOIC 0 to +70 ° C ICS251PMI Tubes 8-pin SOIC -40 to +85 ° C ICS251PMLF Tubes 8-pin SOIC 0 to +70 ° C ICS251PMILF Tubes 8-pin SOIC -40 to +85 ° C ICS251M-XX 251M-XX Tubes 8-pin SOIC 0 to +70 ° C ICS251MI-XX 251MIXX Tubes 8-pin SOIC -40 to +85 ° C ICS251M-XXLF 251MXXL Tubes 8-pin SOIC 0 to +70 ° C ICS251MI-XXLF 251MIXXL Tubes 8-pin SOIC -40 to +85 ° C ICS251M-XXT 251M-XX Tape and Reel 8-pin SOIC 0 to +70 ° C ICS251MI-XXT 251MIXX Tape and Reel 8-pin SOIC -40 to +85 ° C ICS251M-XXLFT 251MXXL Tape and Reel 8-pin SOIC 0 to +70 ° C ICS251MI-XXLFT 251MIXXL Tape and Reel 8-pin SOIC -40 to +85 ° C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |