Electronic Components Datasheet Search
  English  ▼

X  

IRS2132D Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2132D
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2132D Datasheet(HTML) 2 Page - International Rectifier

  IRS2132D Datasheet HTML 1Page - International Rectifier IRS2132D Datasheet HTML 2Page - International Rectifier IRS2132D Datasheet HTML 3Page - International Rectifier IRS2132D Datasheet HTML 4Page - International Rectifier IRS2132D Datasheet HTML 5Page - International Rectifier IRS2132D Datasheet HTML 6Page - International Rectifier IRS2132D Datasheet HTML 7Page - International Rectifier IRS2132D Datasheet HTML 8Page - International Rectifier IRS2132D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.irf.com
2
IRS2130D/IRS21303D/IRS2132D (J&S)PbF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSO. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions. Zener clamps are included between VCC & VSO (25 V), VCC &
VSS (20V), and VBx & VSx (20 V).
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
-0.3
625
VS1,2,3
High side floating offset voltage
VB1,2,3 - 20
VB1,2,3 + 0.3
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 20
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage ( HIN1,2,3, LIN1,2,3 & ITRIP)
VSS -0.3
(VSS + 15) or
(VCC + 0.3),
whichever is
lower
VFLT
FAULT output voltage
VSS -0.3
VCC +0.3
VCAO
Operational amplifier output voltage
VSS -0.3
VCC +0.3
VCA-
Operational amplifier inverting input voltage
VSS -0.3
VCC +0.3
V
dVS/dt
Allowable offset supply voltage transient
—
50
V/ns
(28 lead PDIP)
—
1.5
(28 lead SOIC)
—
1.6
PD
Package power dissipation @ TA ≤ +25 °C
(44 lead PLCC)
—
2.0
W
(28 lead PDIP)
—
83
(28 lead SOIC)
—
78
Rth,JA
Thermal resistance, junction to ambient
(44 lead PLCC)
—
63
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com