Electronic Components Datasheet Search
  English  ▼

X  

MBRB1545CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB1545CT
Description  SWITCHMODE??Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB1545CT Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB1545CT Datasheet HTML 1Page - ON Semiconductor MBRB1545CT Datasheet HTML 2Page - ON Semiconductor MBRB1545CT Datasheet HTML 3Page - ON Semiconductor MBRB1545CT Datasheet HTML 4Page - ON Semiconductor MBRB1545CT Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRB1545CT
http://onsemi.com
3
DC
16
14
12
10
8
6
4
2
0
16
14
12
10
8
6
4
2
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
TJ = 125°C
= 20
IPK
IAV
= 10
IPK
IAV
SQUARE
WAVE
25°C
10
1
0.1
0.01
0.001
50
40
30
20
10
0
VR, REVERSE VOLTAGE (VOLTS)
85°C
125°C
25°C
85°C
125°C
0.5
0.4
0.3
0.2
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.6
0.7
0.8
0.9
50
30
20
10
3
2
1
0.5
IPK
IAV
= 5
IPK
IAV
=
p
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Typical Reverse Current, Per Leg
Figure 3. Typical Forward Power Dissipation
Figure 4. Current Derating, Case, Per Leg
TC, CASE TEMPERATURE (°C)
14
12
10
8
6
4
2
0
155
165
170
175
SQUARE
DC
160



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com