Electronic Components Datasheet Search
  English  ▼

X  

PSANC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSANC
Description  15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSANC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSANC Datasheet HTML 1Page - Wall Industries,Inc. PSANC Datasheet HTML 2Page - Wall Industries,Inc. PSANC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSANC Series
15 Watt
Single, Dual, and Triple Outputs
AC/DC Converter for PCB Mount
FEATURES
● Compact Size
● High Efficiency
● Regulated Output
● Universal Input Range
● CE, cUL, TUV Approval
●Single, Dual, and Triple Outputs
SPECIFICATIONS: PSANC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC
Input Frequency
47 to 440Hz
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
15 Watts max.
Voltage Accuracy
±2%
Line Regulation (LL – HL)
Single & Dual Outputs: ±0.5%; Triple Output: 5V (±1%), 12V & 15V (±5%)
Load Regulation (10% to 100% Full Load)
Single Output: ±0.5%; Dual Output: ±3%; Triple Output: 5V (±2%), 12V & 15V (±5%)
Output Current
See Table
Ripple (Vp-p)
0.2% +40mV max
Noise (Vp-p)
0.5% +50mV max
Temperature Coefficient
±0.02%/°C
PROTECTION
Short Circuit Protection
Continuous
GENERAL SPECIFICATIONS
Switching Frequency
100KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
Isolation Resistance
10GΩ min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +71°C
Storage Temperature
-40°C to +85°C
Cooling
Free air convection
PHYSICAL SPECIFICATIONS
Case Material
P.B.T. and Fiberglass
Weight
140g
Dimensions
2.91(L) x 2.13(W) x 0.87(H) inches
(74.0(L) x 54.0(W) x 22.0(H) mm)
SAFETY & EMC
Agency Approvals
CE, cUL, TUV


Similar Part No. - PSANC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSANCN WALL-PSANCN Datasheet
843Kb / 6P
AC/DC Switching Power Supplies
PSANCN-12S WALL-PSANCN-12S Datasheet
843Kb / 6P
AC/DC Switching Power Supplies
PSANCN-15S WALL-PSANCN-15S Datasheet
843Kb / 6P
AC/DC Switching Power Supplies
PSANCN-24S WALL-PSANCN-24S Datasheet
843Kb / 6P
AC/DC Switching Power Supplies
PSANCN-5S WALL-PSANCN-5S Datasheet
843Kb / 6P
AC/DC Switching Power Supplies
More results

Similar Description - PSANC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Artesyn Technologies
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
logo
Wall Industries,Inc.
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs
logo
Recom International Pow...
RPM15-249.5S-DFW RECOM-RPM15-249.5S-DFW Datasheet
924Kb / 5P
15-60 Watt Single, Dual & Triple Outputs
logo
Wall Industries,Inc.
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
1 Watt DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
20 Watts DC/DC Converter Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com