Electronic Components Datasheet Search
  English  ▼

X  

STE180NE10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE180NE10
Description  N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180NE10 Datasheet(HTML) 3 Page - STMicroelectronics

  STE180NE10 Datasheet HTML 1Page - STMicroelectronics STE180NE10 Datasheet HTML 2Page - STMicroelectronics STE180NE10 Datasheet HTML 3Page - STMicroelectronics STE180NE10 Datasheet HTML 4Page - STMicroelectronics STE180NE10 Datasheet HTML 5Page - STMicroelectronics STE180NE10 Datasheet HTML 6Page - STMicroelectronics STE180NE10 Datasheet HTML 7Page - STMicroelectronics STE180NE10 Datasheet HTML 8Page - STMicroelectronics STE180NE10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STE180NE10
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
100
V
VDGR
Drain-gate voltage (RGS = 20kΩ)100
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
180
A
ID
Drain current (continuous) at
TC = 100°C
119
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
360
A
PTOT
Total dissipation at TC = 25°C
360
W
Derating factor
2.88
W/°C
VISO
Insulation withstand voltage (AC-RMS)
2500
V
Tj
Tstg
Operating junction temperature
storage temperature
-55 to 150
°C
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
0.37
°C/W
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche Current, Repetitive or Not-
Repetitive
(pulse width limited by Tj max)
60
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR,
VDD = 25 V)
720
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com