Electronic Components Datasheet Search
  English  ▼

X  

CAT3606 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT3606_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT3606_08 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3606
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-5009 Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, ENM
¯¯¯ = ENS
¯¯¯ = GND, CIN = COUT = 1µF, RSET = 24kΩ (20mA per LED), TAMB = 25ºC, unless
otherwise specified.
0.90
0.95
1.00
1.05
1.10
-40-20
0
20
40
60
80100
VIN = 3.6V
6LEDsat15mA
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 3.6V
all LEDs open
0.90
0.95
1.00
1.05
1.10
6LEDsat 20mA
Ground Current vs. Input Voltage (1.5x mode)
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
TEMPERATURE [ºC]
INPUT VOLTAGE [V]
INPUT VOLTAGE [V]
Supply Current vs. Input Voltage
Oscillator Frequency vs. Input Voltage
Oscillator Frequency vs. Temperature
Output Resistance vs. Input Voltage (1x mode)
Output Resistance vs. Input Voltage (1.5x mode)
80
100
120
140
6LEDsat 15mA
1x mode
1.5x mode
0
1
2
3
4
100mA load
100mA load
2
4
6
8
10
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.2
3.4
3.6
3.8
4.0
4.2
100mA load
100mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com