Electronic Components Datasheet Search
  English  ▼

X  

EPA225 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA225
Description  Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA225 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA225 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Current Sense Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Switching Supply-Current Sense Applications
• High Primary Current Applications
• UL1446 Class B Insulating System
• UL94V0 Recognized Materials
EPA225
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA225
Rev. A1
2/26/04 FT
Electrical Parameters @ 25° C
Schematic
Package
OCL
(mH Nom.)
25
@ 10 KHz
Turns Ratio
1:100
DCR
(
Ω Max.)
1.4
1
2
3
5
PCA
EPA225
D.C.
.900 Max.
(22.86)
.700
Max.
(17.78)
.500
(12.70)
.700
(17.78)
.170 Min. (4.32)
25
13
#20 T.C. Wire
.700
Max.
(17.78)
#16 T.C. Wire
.0285 Ø X2
(.724)
.0508 Ø X2
(1.29)


Similar Part No. - EPA225

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA220-100 PCA-EPA220-100 Datasheet
19Kb / 1P
14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-125 PCA-EPA220-125 Datasheet
19Kb / 1P
14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-150 PCA-EPA220-150 Datasheet
19Kb / 1P
14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-175 PCA-EPA220-175 Datasheet
19Kb / 1P
14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-200 PCA-EPA220-200 Datasheet
19Kb / 1P
14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
More results

Similar Description - EPA225

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT02 ICE-CT02_08 Datasheet
691Kb / 1P
Current Sense Transformer
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
CURRENT SENSE TRANSFORMER
5/10/00
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com