Electronic Components Datasheet Search
  English  ▼

X  

DS2726 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2726
Description  5- to 10-Cell Li Protector with Cell Balancing
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2726 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2726 Datasheet HTML 7Page - Maxim Integrated Products DS2726 Datasheet HTML 8Page - Maxim Integrated Products DS2726 Datasheet HTML 9Page - Maxim Integrated Products DS2726 Datasheet HTML 10Page - Maxim Integrated Products DS2726 Datasheet HTML 11Page - Maxim Integrated Products DS2726 Datasheet HTML 12Page - Maxim Integrated Products DS2726 Datasheet HTML 13Page - Maxim Integrated Products DS2726 Datasheet HTML 14Page - Maxim Integrated Products DS2726 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
5- to 10-Cell Li+ Protector with Cell Balancing
______________________________________________________________________________________
13
Setting the Short-Circuit
Threshold and Delay Time
The DS2726 allows the selection of a short-circuit cur-
rent threshold. This threshold is set using a resistor
from the RSC pin to the positive terminal of the cell
stack. The RSC pin sinks 1µA (nominal). The short-cir-
cuit comparator triggers when the voltage on the SNS
pin is less than the voltage on the RSC pin. For exam-
ple, assume a 500k
Ω resistor is used on RSC, along
with a DC FET with an RDS_ON of 10m
Ω. This corre-
sponds to an RSC voltage of 500k
Ω x 1µA = 0.5V.
Because the FET is 10m
Ω, the short-circuit threshold is
0.5V/10m
Ω = 50A:
The DS2726 allows for a delayed reaction to a short-cir-
cuit event. The short threshold must persist for the
entire delay time before the DC FET begins to turn off
(actual turn-off time varies based on the gate capaci-
tance of the DC FET; see the DC pin drive capabilities
in the
DC Electrical Characteristics table for more
details). The short-circuit delay time is set using a
capacitor on the CSCD pin. The short-circuit delay time
can be calculated by the equation:
tSCD = CSCD x 500k
Ω
Be sure to select threshold and delay times that fall
within the safe operating area of the FETs chosen for
DC and CC.
Setting the Discharge
Overcurrent Threshold
and Delay Time
The DS2726 allows the selection of a discharge over-
current threshold. This threshold is set using a resistor
from the RDOC pin to the positive terminal of the cell
stack. The RDOC pin sinks 1µA (nominal). The overcur-
rent circuit comparator triggers when the voltage on the
SNS pin is less than the voltage on the RDOC pin. For
example, assume a 200k
Ω resistor is used on RDOC,
along with a DC FET with an RDS_ON of 10m
Ω. This
corresponds to a voltage on RDOC of 200k
Ω x 1µA =
0.2V. Because the FET is 10m
Ω, the discharge overcur-
rent threshold is 0.2V/10m
Ω = 20A:
The DS2726 allows for a delayed reaction to a dis-
charge overcurrent event. The discharge overcurrent
threshold must persist for the entire delay time before
the DC FET begins to turn off (actual turn-off time varies
based on the gate capacitance of the DC FET; see DC
pin
drive
capabilities
in
the
DC
Electrical
Characteristics table for more details). The discharge
overcurrent delay time is set using a capacitor on the
CDOCD pin. The discharge overcurrent delay can be
calculated by the equation:
tDOCD = CDOCD x 32M
Ω
Be sure to select threshold and delay times that fall
within the safe operating area for the FETs chosen for
DC and CC.
If the voltage on the CDOCD pin is within approximately
1V of VCC or GND, the condition is considered to be a
fault, and the CC and DC outputs are disabled. This
results in a delay before enabling the FETs when the
part awakens from Sleep Mode. This delay occurs until
the voltage on CDOCD reaches an acceptable level.
This is a function of the capacitor on CDOCD. The
CDOCD startup delay is in addition to a typical regulator
startup of 100µs, and is given by the equation:
STARTUP DELAY ≈ 100µs + CDOCD x 1.65M
Ω
Be sure to select threshold and delay times that fall
within the safe operating area for the FETs chosen for
DC and CC.
I
µA
R
R
DOC
DOC
DS ON
=
×
1
_
I
µA
RSC
R
SC
DS ON
=
×
1
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com