Electronic Components Datasheet Search
  English  ▼

X  

CAT3636 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT3636
Description  6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3636 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT3636 Datasheet HTML 8Page - Catalyst Semiconductor CAT3636 Datasheet HTML 9Page - Catalyst Semiconductor CAT3636 Datasheet HTML 10Page - Catalyst Semiconductor CAT3636 Datasheet HTML 11Page - Catalyst Semiconductor CAT3636 Datasheet HTML 12Page - Catalyst Semiconductor CAT3636 Datasheet HTML 13Page - Catalyst Semiconductor CAT3636 Datasheet HTML 14Page - Catalyst Semiconductor CAT3636 Datasheet HTML 15Page - Catalyst Semiconductor CAT3636 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT3636
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-5020 Rev. D
Characteristics subject to change without notice
Unused LED Channels
For applications with only four or two LEDs, unused
LED banks can be disabled via the enable register
internally and left to float.
For applications with 5 LEDs or less, unused LEDs
can also be disabled by connecting the LED pin
directly to VOUT, as shown on Figure 4. If LED pin
voltage is within 1V of VOUT, then the channel is
switched off and a 200μA test current is placed in the
channel to sense when the channel moves below
VOUT – 1V.
Figure 4. Five LED Application
Protection Mode
If an LED is disconnected, the output voltage VOUT
automatically limits at about 5.5V. This is to prevent
the output pin from exceeding its absolute maximum
rating.
If the die temperature exceeds +150°C the driver will
enter a thermal protection shutdown mode. When the
device temperature drops by about 20°C the device
will resume normal operation.
LED Selection
LEDs with forward voltages (VF) ranging from 1.3V to
5.0V may be used with the CAT3636. Selecting LEDs
with lower VF is recommended in order to improve the
efficiency by keeping the driver in 1x mode longer as
the battery voltage decreases.
For example, if a white LED with a VF of 3.3V is
selected over one with VF of 3.5V, the CAT3636 will
stay in 1x mode for lower supply voltage of 0.2V. This
helps improve the efficiency and extends battery life.
External Components
The driver requires two external 1μF ceramic
capacitors for decoupling input, output, and for the
charge pump. Both capacitors type X5R and X7R are
recommended for the LED driver application. In all
charge pump modes, the input current ripple is kept
very low by design and an input bypass capacitor of
1μF is sufficient.
In 1x mode, the device operates in linear mode and
does not introduce switching noise back onto the
supply.
Recommended Layout
In charge pump mode, the driver switches internally at
a high frequency. It is recommended to minimize trace
length to all four capacitors. A ground plane should
cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on
capacitors CIN and COUT can be implemented with
the use of multiple via. A copper area matching the
TQFN exposed pad (TAB) must be connected to the
ground plane underneath. The use of multiple via
improves the package heat dissipation.
Figure 5. Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com