Electronic Components Datasheet Search
  English  ▼

X  

PSMPS65 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMPS65
Description  Single Output Up to 65 Watts AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMPS65 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMPS65 Datasheet HTML 1Page - Wall Industries,Inc. PSMPS65 Datasheet HTML 2Page - Wall Industries,Inc. PSMPS65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMPS65 Series
Single Output
Up to 65 Watts
AC/DC Medical Power Supply
FEATURES
● Medical Application
● Low Cost, High Reliability
● Compact Size, Light Weight
● 100% Full Load Burn-In Test
● Universal AC Input / Full Range
● UL2601-1, EN60601-1 Approved
● Built-In EMI Filter, Low Ripple Noise
● High Efficiency, Low Working Temperature
● Protections: Short Circuit /Overload /Over Voltage
SPECIFICATIONS: PSMPS65 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC (127 – 370VDC)
Input Frequency
47 to 440Hz
AC Current (typical)
1.6A @ 115VAC / 0.9A @ 230VAC
Inrush Current
Cold start 15A @ 115VAC; 30A @ 230VAC
Leakage Current
Less than 0.3mA @ 264VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
±2.0% typical
Output Adjustment Range
±10% rated output load
Output Power
72W max with 18CFM minimum forced air flow
Line Regulation
±1%
Load Regulation
±2% typical
Output Current
See Table
Ripple & Noise (20MHz BW)
100mVp-p typical
Setup, Rise Time
800ms and 30ms @ 230VAC and full load / 800ms and 30ms @ 115VAC and full load
Hold-Up Time
50ms @ 230VAC and full load / 16ms @ 115VAC and full load.
Temperature Coefficient
±0.04%/°C (0~50°C)
PROTECTION
Over Voltage Protection
CH.1: 115~135% rated output voltage
Overload Protection
73~105W hiccup mode, auto-recovery
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
45KHz
Efficiency
Up to 80%
Isolation Voltage (Input to Output)
4000VAC for 1 min.
Isolation Voltage (Input to Field Ground)
1500VAC for 1 min.
Isolation Resistance (Input to Output)
100MΩ / 500VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10°C to +60°C (refer to derating curve)
Storage Temperature
-20°C to +85°C
Operating Humidity (non-condensing)
20% to 90% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
MTBF
359,700 hours min. (According to MIL-HDBK-217) at 25°C
PHYSICAL SPECIFICATIONS
Weight
280g
Dimensions
127(L) x 76(W) x 42(H) mm
SAFETY & EMC
Safety Standards
UL2601-1, TUV EN60601-1, IEC601-1 Approved
EMC Standards
EN55011 class B, EN61000-4-2,3,4,5,6,8,11, EN61000-3-2,3, EN60601-1-2, ENV50204


Similar Part No. - PSMPS65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS-30-12 WALL-PSMPS-30-12 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS-30-15 WALL-PSMPS-30-15 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS-30-24 WALL-PSMPS-30-24 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS-30-27 WALL-PSMPS-30-27 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS-30-48 WALL-PSMPS-30-48 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
More results

Similar Description - PSMPS65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
Triple Output Up to 65 Watts AC/DC Medical Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
logo
Powerbox
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com