Electronic Components Datasheet Search
  English  ▼

X  

PSPS25 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPS25
Description  Single Output Up to 25 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPS25 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPS25 Datasheet HTML 1Page - Wall Industries,Inc. PSPS25 Datasheet HTML 2Page - Wall Industries,Inc. PSPS25 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPS25 Series
Single Output
Up to 25 Watts
AC/DC Power Supply
FEATURES
• Low Cost
• High Reliability
• 2 Year Warranty
• 100% Full Load Burn-In Test
• Low Leakage Current < 0.5mA
• Universal AC Input/ Full Range
• Cooling by Free Air Convection
• Fixed Switching Frequency at 100KHz
• Short Circuit, Overload, Over Voltage, and Over Temperature Protected
SPECIFICATIONS: PSPS25 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
85 – 264VAC (120 – 370VDC)
Input Frequency
47 ~ 63Hz
AC Current (typical)
0.6A @ 115VAC
0.4A @ 230VAC
Inrush Current (typical)
36A cold start
Leakage Current
< 0.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance (See Note 3)
PSPS-25-3.3: ±3.0% ±2.0% for all other models
Output Power
See Table
Line Regulation
3.3, 5, 7.5V outputs: ±0.5%; 12, 13.5, 15V outputs: ±0.3%; 24, 27, 48V outputs: ±0.2
Load Regulation
3.3V output: ±2.5%; 5 & 7.5V outputs: ±2.0%; 12, 13.5, 15V outputs: ±1.0%; 24, 27, 48V outputs: ±0.5%
Output Current
See Table
Ripple & Noise (See Note 2)
See Table
Setup, Rise Time
200ms, 20ms @ 230VAC
200ms, 30ms @ 115VAC and full load
Hold Up Time
100ms @ 230VAC
20ms @ 115VAC and full load
Temperature Coefficient
±0.03%/°C (0~50°C)
PROTECTION
Over Voltage Protection
See Table
Protection Type: Shutoff output voltage, clamping by Zener diode.
Overload Protection
Above 105% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Over Temperature
Tj 135°C typically (U1) detect on main control IC.
Protection Type: Shutdown output voltage, recovers automatically after temperature goes down.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
100KHz
Efficiency (typical)
See Table
Withstand Voltage
3KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG).
Isolation Resistance
100MΩ / 500VDC (input to output, input to FG, output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity (non-condensing)
20% ~ 90% RH non-condensing
Storage Humidity (non-condensing)
10% ~ 95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
MTBF
576,400 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
18 oz.
Dimensions
107(L) x 61(W) x 28(H) mm
Warranty
2 years
SAFETY & EMC (See Note 4)
Safety Standards
UL60950-1, TUV EN60950-1 Approved
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5, light industry level, criteria A.


Similar Part No. - PSPS25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPS-45-12 WALL-PSPS-45-12 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS-45-13.5 WALL-PSPS-45-13.5 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS-45-15 WALL-PSPS-45-15 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS-45-24 WALL-PSPS-45-24 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS-45-27 WALL-PSPS-45-27 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
More results

Similar Description - PSPS25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPD25 WALL-PSPD25 Datasheet
179Kb / 3P
Dual Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
Single Output Up to 320 Watts AC/DC Switching Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
Single Output Up to 30 Watts AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com