Electronic Components Datasheet Search
  English  ▼

X  

15AF11 Datasheet(PDF) 1 Page - General Electric Company

Part # 15AF11
Description  COMPACTRON DISSIMILAR-DOUBLE-TRIODE PENTODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

15AF11 Datasheet(HTML) 1 Page - General Electric Company

  15AF11 Datasheet HTML 1Page - General Electric Company 15AF11 Datasheet HTML 2Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 15AF11

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
Silicon Rectifier
logo
Electroswitch Electroni...
15A-125VAC ELECTROSWITCH-15A-125VAC Datasheet
102Kb / 1P
Push Button Switches
2010
logo
IDEAL-TEK SA
15A.C.DR IDEAL-TEK-15A.C.DR Datasheet
453Kb / 2P
ESD Rubber Grip Tweezers
logo
List of Unclassifed Man...
15A0 ETC-15A0 Datasheet
477Kb / 1P
SMD SMART PROTECTOR
logo
Shanghai Shunye Electro...
15A05 SHUNYE-15A05 Datasheet
767Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
V2.22
More results

Similar Description - 15AF11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF80 PHILIPS-PCF80 Datasheet
326Kb / 10P
TRIODE PENTODE
January 1970
logo
General Electric Compan...
6HV5-A GEC-6HV5-A Datasheet
233Kb / 2P
COMPACTRON BEAM TRIODE
logo
List of Unclassifed Man...
6JZ8 ETC2-6JZ8 Datasheet
92Kb / 3P
TRIODE-PENTODE
logo
General Electric Compan...
6AU8-A GEC-6AU8-A Datasheet
792Kb / 7P
TRIODE-PENTODE
logo
NXP Semiconductors
ECL80 PHILIPS-ECL80 Datasheet
667Kb / 24P
TRIODE PENTODE
12.12.1952
logo
List of Unclassifed Man...
12AL11 ETC2-12AL11 Datasheet
108Kb / 3P
DISSIMILAR DOUBLE PENTODE
logo
General Electric Compan...
8AC10 GEC-8AC10 Datasheet
85Kb / 2P
COMPACTRON TRIPLE TRIODE
11AR11 GEC-11AR11 Datasheet
73Kb / 2P
COMPACTRON TWIN PENTODE
66BF11 GEC-66BF11 Datasheet
854Kb / 10P
Compaction Dissimilar Double Pentode
36KD6 GEC-36KD6 Datasheet
83Kb / 2P
compactron beam pentode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com