| Electronic Components Datasheet Search |
|
AD9223ARS Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9223ARS Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 32 page ![]() REV. E –14– AD9221/AD9223/AD9220 DRIVING THE ANALOG INPUTS Introduction The AD9221/AD9223/AD9220 has a highly flexible input structure, allowing it to interface with single-ended or differen- tial input interface circuitry. The applications shown in sections Driving the Analog Inputs and Reference Configurations, along with the information presented in Input and Reference Over- view of this data sheet, give examples of both single-ended and differential operation. Refer to Tables I and II for a list of the different possible input and reference configurations and their associated figures in the data sheet. The optimum mode of operation, analog input range, and asso- ciated interface circuitry will be determined by the particular application’s performance requirements as well as power supply options. For example, a dc coupled single-ended input would be appropriate for most data acquisition and imaging applications. Also, many communication applications that require a dc coupled input for proper demodulation can take advantage of the excel- lent single-ended distortion performance of the AD9221/AD9223/ AD9220. The input span should be configured such that the system’s performance objectives and the headroom requirements of the driving op amp are simultaneously met. Alternatively, the differential mode of operation with a transformer coupled input provides the best THD and SFDR performance over a wide frequency range. This mode of operation should be considered for the most demanding spectral based applications that allow ac coupling (e.g., Direct IF to Digital Conversion). Single-ended operation requires that VINA be ac- or dc-coupled to the input signal source while VINB of the AD9221/AD9223/ AD9220 can be biased to the appropriate voltage corresponding to a midscale code transition. Note that signal inversion may be easily accomplished by transposing VINA and VINB. The rated specifications for the AD9221/AD9223/AD9220 are character- ized using single-ended circuitry with input spans of 5 V and 2 V as well as VINB = 2.5 V. Differential operation requires that VINA and VINB be simulta- neously driven with two equal signals that are in and out of phase versions of the input signal. Differential operation of the AD9221/AD9223/AD9220 offers the following benefits: (1) Signal swings are smaller and therefore linearity requirements placed on the input signal source may be easier to achieve, (2) Signal swings are smaller and therefore may allow the use of op amps that may otherwise have been constrained by headroom FREQUENCY– MHz 20 70 90 0.1 100 1 10 80 40 60 50 30 AD9221 AD9223 AD9220 Figure 11. AD9221/AD9223/AD9220 Input CMR vs. Input Frequency limitations, (3) Differential operation minimizes even-order harmonic products, and (4) Differential operation offers noise immunity based on the device’s common-mode rejection. Figure 11 depicts the common-mode rejection of the three devices. As is typical of most CMOS devices, exceeding the supply limits will turn on internal parasitic diodes, resulting in transient cur- rents within the device. Figure 12 shows a simple means of clamping an ac- or dc-coupled single-ended input with the addition of two series resistors and two diodes. An optional capaci- tor is shown for ac-coupled applications. Note that a larger series resistor could be used to limit the fault current through D1 and D2 but should be evaluated since it can cause a degrada- tion in overall performance. A similar clamping circuit could also be used for each input if a differential input signal is being applied. Table II. Reference Configuration Summary Reference Input Span (VINA–VINB) Operating Mode (V p-p) Required VREF (V) Connect To INTERNAL 2 1 SENSE VREF INTERNAL 5 2.5 SENSE REFCOM INTERNAL 2 ≤ SPAN ≤ 5 and 1 ≤ VREF ≤ 2.5 and R1 VREF and SENSE SPAN = 2 × VREF VREF = (1 + R1/R2) R2 SENSE and REFCOM EXTERNAL 2 ≤ SPAN ≤ 51 ≤ VREF ≤ 2.5 SENSE AVDD (Nondynamic) VREF EXT. REF. EXTERNAL 2 ≤ SPAN ≤ 5 CAPT and CAPB SENSE AVDD (Dynamic) Externally Driven VREF REFCOM EXT. REF. CAPT EXT. REF. CAPB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |