Electronic Components Datasheet Search
  English  ▼

X  

24C08 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 24C08
Description  8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C08 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 24C08 Datasheet HTML 6Page - STMicroelectronics 24C08 Datasheet HTML 7Page - STMicroelectronics 24C08 Datasheet HTML 8Page - STMicroelectronics 24C08 Datasheet HTML 9Page - STMicroelectronics 24C08 Datasheet HTML 10Page - STMicroelectronics 24C08 Datasheet HTML 11Page - STMicroelectronics 24C08 Datasheet HTML 12Page - STMicroelectronics 24C08 Datasheet HTML 13Page - STMicroelectronics 24C08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
The sequence is as follows:
– Initial condition: a Write is in progress (see Fig-
ure 8).
– Step 1: the Master issues a START condition
followed by a Device Select byte (1st byte of
the new instruction).
– Step 2: if the memory is busy with the internal
write cycle, no ACK will be returned and the
master goes back to Step 1. If the memory
has terminated the internal write cycle, it will
respond with an ACK, indicating that the mem-
ory is ready to receive the second part of the
next instruction (the first byte of this instruc-
tion was already sent during Step 1).
Write Protection. Data in the upper block of 256
bytes of the memory may be write protected. The
memory is write protected between a boundary
address and the top of memory (address 3FFh)
when the PRE input pin is taken high and when the
Protect Flag (bit b2 in location 3FFh) is set to ’0’.
The boundary address is user defined by writing it
in the Block Address Pointer. The Block Address
Pointer is an 8 bit EEPROM register located at the
address 3FFh. It is composed by 4 MSBs Address
Pointer, which defines the bottom boundary ad-
dress, and 4 LSBs which must be programmed at
’0’. This Address Pointer can therefore address a
DEVICE OPERATION (cont’d)
boundary in steps of 16 bytes. The sequence to use
the Write Protected feature is:
– write the data to be protected into the top of
the memory, up to, but not including, location
3FFh;
– set the protection by writing the correct bottom
boundary address in the Address pointer (4
MSBs of location 3FFh) with the bit b2 (Protect
flag) set to ’0’.
Note that for a correct fonctionality of the memory,
all the 4 LSBs of the Block Address Pointer must
also be programmed at ’0’. The area will now be
protected when the PRE input pin is taken High.
While the PRE input pin is read at ’0’ by the mem-
ory, the location 3FFh can be used as a normal
EEPROM byte.
Caution: Special attention must be used when
using the protect mode together with the Multibyte
Write mode (MODE input pin High). If the Multibyte
Write starts at the location right below the first byte
of the Write Protected area, then the instruction will
write over the first 7 bytes of the Write Protected
area. The area protected is therefore smaller than
the content defined in the location 3FFh, by 7 bytes.
This does not apply to the Page Write mode as the
address counter ’roll-over’ and thus cannot go
above the 16 bytes lower boundary of the protected
area.
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
MULTIBYTE
AND
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
AI00793
DATA IN N
ACK
ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
Figure 9. Write Modes Sequence (ST24/25C08)
10/16
ST24/25C08, ST24/25W08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com