Electronic Components Datasheet Search
  English  ▼

X  

MVL-904MSGC Datasheet(PDF) 6 Page - Unity Opto Technology

Part # MVL-904MSGC
Description  JACK LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-904MSGC Datasheet(HTML) 6 Page - Unity Opto Technology

  MVL-904MSGC Datasheet HTML 1Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 2Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 3Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 4Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 5Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 6Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 7Page - Unity Opto Technology MVL-904MSGC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Packaging
Tubes of LEDs
LEDs are packaged in tubes , each of which contains 60 LEDs.
The LEDs in any individual tube come from a single category code.
Figure 1. Shows a sample label taken from a tube.
Boxes of LEDs
Each box of LEDs contains 240 tubes , or 14400 LEDs.
The box dimensions are 500× 243×150mm(L×W×H)
All of the tubes are in the same orientation .
Figure 2. Shows a sample label taken from a box .
Uni P / N :
Lot No. :
BIN:
Q'ty:
11mm
90mm
CUSTOMER P/N No.
:
ITEM No
:
Q'TY
:
Q.W.
:
G.W.
:
90mm
48mm
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com