Electronic Components Datasheet Search
  English  ▼

X  

MVL-511DR Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-511DR
Description  Standard color diffused plastic lens
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-511DR Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-511DR Datasheet HTML 1Page - Unity Opto Technology MVL-511DR Datasheet HTML 2Page - Unity Opto Technology MVL-511DR Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optical -Electrical Characteristics
Part No. : MVL-511G
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
6.0
20
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
565
-
nm
Spectral Line Half Width
∆λ
-
30
-
nm
Viewing Angle
2θ1/2
-
50
-
deg
Part No. : MVL-511Y
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
5.0
18
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
585
-
nm
Spectral Line Half Width
∆λ
-
35
-
nm
Viewing Angle
2θ1/2
-
50
-
deg
Part No. : MVL-511HR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
6.0
20
-
mcd
Forward Voltage
VF
-
2.0
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
640
-
nm
Spectral Line Half Width
∆λ
-
40
-
nm
Viewing Angle
2θ1/2
-
50
-
deg
Part No. : MVL-511DR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
40
140
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
2θ1/2
-
50
-
deg
Part No. : MVL-511UR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
130
500
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
2θ1/2
-
50
-
deg
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
IF=20mA
IF=20mA
Test Conditions
Parameter
IF=10mA
IF=20mA
VR=5V
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
P2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com