Electronic Components Datasheet Search
  English  ▼

X  

TSR120 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSR120
Description  1.0 A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR120 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSR120 Datasheet HTML 1Page - TAITRON Components Incorporated TSR120 Datasheet HTML 2Page - TAITRON Components Incorporated TSR120 Datasheet HTML 3Page - TAITRON Components Incorporated TSR120 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/JJ 2007-06-10
www.taitroncomponents.com
Page 2 of 4
TSR120 –TSR1100
1.0 A Schottky Barrier Rectifier
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
Typical Characteristics Curves
Ambient Temperature (°C)
Fig.3- Typical Instantaneous Forward
Characteristics
VF Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.4- Typical Reverse Characteristics
Fig.2-Max. Non-repetitive Peak Forward Surge Current
Fig.1- Typical Forward Current Derating Curve
Number of Cycles at 60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com