Electronic Components Datasheet Search
  English  ▼

X  

TSR220 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSR220
Description  2.0 A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR220 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSR220 Datasheet HTML 1Page - TAITRON Components Incorporated TSR220 Datasheet HTML 2Page - TAITRON Components Incorporated TSR220 Datasheet HTML 3Page - TAITRON Components Incorporated TSR220 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAIT-FAX
(800)-824-8329
(661)-257-6415
TSR220 –TSR2100
2.0 A SCHOTTKY
BARRIER RECTIFIER
2.0 A Schottky Barrier Rectifiers
Features
• Low Forward Voltage Drop
• Low Power Loss, High Efficiency
• High Surge Current Capability
• High temperature soldering guaranteed:
260° C/10 seconds, /.0375" (9.5mm) lead length
• RoHS compliant
Mechanical Data
Case:
DO-15, Molded Plastic
Epoxy:
UL 94V-0 Rate Flame Retardant
Polarity:
Color Band Denotes Cathode End
Terminals:
Axial leads, solderable per MIL-STD-202E, Method 208 Guaranteed
Weight:
0.4 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
TSR
220
TSR
230
TSR
240
TSR
250
TSR
260
TSR
290
TSR
2100
Unit
VRRM
Max. recurrent peak reverse voltage
20
30
40
50
60
90
100
V
VRMS
Max. RMS voltage
14
21
28
35
42
63
70
V
VDC
Max. DC blocking voltage
20
30
40
50
60
90
100
V
Io(AV)
Max. average forward rectified current (FIG.1)
2.0
A
IFSM
Peak forward surge current (Note 1)
40
A
VF
Max. instantaneous forward voltage at 2.0A
0.55
0.70
0.85
V
TA =25°C
0.5
IR
Max. DC reverse
current at rated DC
blocking voltage
TA =100°C
20.0
mA
RθJA
Typical thermal resistance, Junction to
Ambient (Note2)
50
° C/W
CJ
Typical Junction Capacitance (Note3)
110
pF
TJ
Operating junction temperature range
-50 to +125
° C
TSTG
Storage Temperature Range
-65 to +150
° C
DO-15


Similar Part No. - TSR220

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSR224D50-D2 TOKEN-TSR224D50-D2 Datasheet
403Kb / 9P
One Port Resonators
TSR224D70-D1 TOKEN-TSR224D70-D1 Datasheet
403Kb / 9P
One Port Resonators
More results

Similar Description - TSR220

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SR202 DIODES-SR202 Datasheet
49Kb / 2P
2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Central Semiconductor C...
CP108 CENTRAL-CP108 Datasheet
214Kb / 2P
Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
logo
ON Semiconductor
MBR230LSFT1 ONSEMI-MBR230LSFT1 Datasheet
80Kb / 5P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
logo
SeCoS Halbleitertechnol...
SCS220P SECOS-SCS220P Datasheet
178Kb / 2P
2.0 A Schottky Barrier Rectifiers
SM2200B SECOS-SM2200B Datasheet
180Kb / 2P
2.0 A Schottky Barrier Rectifiers
logo
Microsemi Corporation
UPS760E3 MICROSEMI-UPS760E3 Datasheet
201Kb / 5P
7 A Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS220P SECOS-SCS220P_15 Datasheet
183Kb / 2P
2.0 A Schottky Barrier Rectifiers
logo
Nanjing International G...
MBRB2035CT-20A DGNJDZ-MBRB2035CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
logo
Naina Semiconductor ltd...
10SQ030 NAINA-10SQ030 Datasheet
130Kb / 2P
Schottky Barrier Rectifier, 10.0 A
12SQ030-12SQ100 NAINA-12SQ030-12SQ100 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 12.0 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com