Electronic Components Datasheet Search
  English  ▼

X  

L6370 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6370
Description  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6370 Datasheet HTML 11Page - STMicroelectronics L6370 Datasheet HTML 12Page - STMicroelectronics L6370 Datasheet HTML 13Page - STMicroelectronics L6370 Datasheet HTML 14Page - STMicroelectronics L6370 Datasheet HTML 15Page - STMicroelectronics L6370 Datasheet HTML 16Page - STMicroelectronics L6370 Datasheet HTML 17Page - STMicroelectronics L6370 Datasheet HTML 18Page - STMicroelectronics L6370 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
L6370
16/19
Figure 10. PowerSO-20 tape shipment specification
TAPE MECHANICAL DATA
mm.
inch
D
1.50 +0.1/0
0.059 +0.004/0
E
1.75 ±0.1
0.069 ±0.004
Po
4.00 ±0.1
0.157 ±0.004
T max.
0.40
0.016
D1 min.
1.50
0.059
F
11.5 ±0.05
0.453 ±0.002
K max.
6.50
0.256
P2
2.00 ±0.1
0.079 ±0.004
R
50
1.968
W
24.00 ±0.30
0.945 ±0.012
P1
24.00
0.945
Ao, Bo, Ko
0.05 min to 1.0 max.
0.002 min to 0.039 max.
BASE QUANTITY
600 pcs.
BULK QUANTITY
600 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com