Electronic Components Datasheet Search
  English  ▼

X  

TU608 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TU608
Description  6A Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU608 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TU608 Datasheet HTML 1Page - TAITRON Components Incorporated TU608 Datasheet HTML 2Page - TAITRON Components Incorporated TU608 Datasheet HTML 3Page - TAITRON Components Incorporated TU608 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2007-09-18
www.taitroncomponents.com
Page 2 of 4
6A Bridge Rectifiers
TU600 – TU610
Fig.1- Derating Curve Output Rectified Current
Case Temperature (°C)
Symbols
Parameter
TU
600
TU
601
TU
602
TU
604
TU
606
TU
608
TU
610
Unit
Conditions
I²t
Rating for Fusing
(1ms<t<8.3ms)
260
A²S
CJ
Typical Junction Capacitance
200
pF
VR=4V, f=1MHz
RθJA
Typical Thermal Resistance
per leg
8.6
˚C/W
(Note 2)
RθJC
Typical Thermal Resistance
per leg
4.7
˚C/W
(Note 1)
TJ,TSTG
Operating and Storage
Temperature Range
-55 to 150
˚C
Note:
1.Unit mounted on 2.6” x 1.4” x 0.06” thick (6.5 x 3.5 x 0.15cm) Al. plate.
2.Unit mounted in free air, no heatsink, P.C.B at 0.375” (9.5mm) lead length with 0.5” x 0.5” (12 x 12mm)
copper pads
3.Single Phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating and characteristic curves
Fig.2-Max Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com