Electronic Components Datasheet Search
  English  ▼

X  

SN75DP128 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP128
Description  DisplayPort 1:2 Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75DP128 Datasheet HTML 9Page - Texas Instruments SN75DP128 Datasheet HTML 10Page - Texas Instruments SN75DP128 Datasheet HTML 11Page - Texas Instruments SN75DP128 Datasheet HTML 12Page - Texas Instruments SN75DP128 Datasheet HTML 13Page - Texas Instruments SN75DP128 Datasheet HTML 14Page - Texas Instruments SN75DP128 Datasheet HTML 15Page - Texas Instruments SN75DP128 Datasheet HTML 16Page - Texas Instruments SN75DP128 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
V
− SupplyVoltage
DD
− V
-20
-10
0
10
20
30
40
50
60
70
80
4.4
4.6
4.8
5
5.2
5.4
V
=200mV
ID
V
=300mV
ID
V
=400mV
ID
V
=600mV
ID
Temp=25 C
o
−150
−100
−50
0
50
100
150
DP
− Resistance
Vadj
− W
0
10k
12k
2k
4k
6k
8k
14k
V
=200mV
ID
V
=300mV
ID
V
=400mV
ID
V
=600mV
ID
Temp=25 C
o
InputEdgeRate20%-80%(ps)
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
V
=5.25V,85 C
DD
o
V
=5V
DD
,25 C
o
V
=4.5V
DD
,0 C
o
200
210
230
260
270
280
300
DataRate − Bps
0
2G
2.5G
500M
1G
1.5G
3G
85 C
o
290
250
240
220
0 C
o
25 C
o
SN75DP128
SLLS893 – FEBRUARY 2008
INPUT/OUTPUT VOLTAGE
INPUT/OUTPUT VOLTAGE
vs
vs
RESISTANCE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
INPUT EDGE RATE
POWER DISSIPATION
vs
vs
OUTPUT EDGE RATE
DATA RATE
Figure 16.
Figure 17.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN75DP128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com