Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5509_08 Datasheet HTML 17Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 18Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 19Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 20Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 21Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 22Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 23Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 24Page - Texas Instruments TMS320VC5509_08 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Introduction
21
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
PARALLEL BUS (CONTINUED)
C8
I/O/Z
EMIF byte enable 0 control or HPI byte identification. This pin serves in one
of two functions: EMIF byte enable 0 control (EMIF.BE0) or HPI byte
identification (HPI.HBE0). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
EMIF.BE0
O/Z
Active-low EMIF byte enable 0 control. EMIF.BE0 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
GPIO0 = 1:
Output,
EMIF.BE0
HPI.HBE0
I
HPI byte identification. This pin, in conjunction with HPI.HBE1, identifies
the first or second byte of the transfer. HPI.HBE0 is selected when the
Parallel Port Mode bit field is set to 10 or 11.
NOTE:
As of Revision 3.1 of the silicon, the byte-enable function on the
HPI will no longer be supported. HPI.HBE0 and HPI.HBE1 must
be pulled down by external resistors or driven low by the host
processor.
BK
EMIF.BE0
GPIO0 = 0:
Input,
HPI.HBE0
C9
I/O/Z
EMIF byte enable 1 control or HPI byte identification. This pin serves in one
of two functions: EMIF byte enable 1 control (EMIF.BE1) or HPI byte
identification (HPI.HBE1). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
EMIF.BE1
O/Z
Active-low EMIF byte enable 1 control. EMIF.BE1 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
GPIO0 = 1:
Output,
EMIF.BE1
HPI.HBE1
I
HPI byte identification. This pin, in conjunction with HPI.HBE0, identifies
the first or second byte of the transfer. HPI.HBE1 is selected when the
Parallel Port Mode bit field is set to 10 or 11.
NOTE:
As of Revision 3.1 of the silicon, the byte-enable function on the
HPI will no longer be supported. HPI.HBE0 and HPI.HBE1 must
be pulled down by external resistors or driven low by the host
processor.
BK
EMIF.BE1
GPIO0 = 0:
Input,
HPI.HBE1
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com