Electronic Components Datasheet Search
  English  ▼

X  

CAT4238 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT4238
Description  High Efficiency 10 LED Boost Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4238 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT4238 Datasheet HTML 1Page - Catalyst Semiconductor CAT4238 Datasheet HTML 2Page - Catalyst Semiconductor CAT4238 Datasheet HTML 3Page - Catalyst Semiconductor CAT4238 Datasheet HTML 4Page - Catalyst Semiconductor CAT4238 Datasheet HTML 5Page - Catalyst Semiconductor CAT4238 Datasheet HTML 6Page - Catalyst Semiconductor CAT4238 Datasheet HTML 7Page - Catalyst Semiconductor CAT4238 Datasheet HTML 8Page - Catalyst Semiconductor CAT4238 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT4238
Doc. No. MD-5019 Rev. C
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, FB voltage
-0.3 to +7
V
SHDN
¯¯¯¯¯ voltage
-0.3 to +7
V
SW voltage
(1)
up to 60
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature Range
-40 to +150
ºC
Lead Temperature
300
ºC
Note:
(1) The SW pin voltage is rated up to 39V for external continuous DC voltage.
RECOMMENDED OPERATING CONDITIONS
Typical application circuit with external components are shown on page 1.
Parameters
Range
Units
VIN
up to 5.5
V
SW pin voltage
0 to 38
V
Ambient Temperature Range
-40 to +85
ºC
DC ELECTRICAL CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IQ
Operating Current
VFB = 0.2V
VFB = 0.4V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN
¯¯¯¯¯ = 0V
0.1
1
µA
VFB
FB Pin Voltage
10 LEDs with ILED = 20mA
285
300
315
mV
IFB
FB pin input leakage
1
µA
ILED
Programmed LED Current
R1 = 10
Ω
R1 = 15
Ω
R1 = 20
Ω
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN
¯¯¯¯¯ Logic High
SHDN
¯¯¯¯¯ Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
DC
Maximum Duty Cycle
VIN = 3V
92
%
ILIM
Switch Current Limit
350
450
600
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
Ω
ILEAK
Switch Leakage Current
Switch Off, VSW = 5V
1
5
µA
Thermal Shutdown
150
ºC
Thermal Hysteresis
20
ºC
VUVLO
Undervoltage Lockout (UVLO)
Threshold
1.9
V
VOV-SW
Overvoltage Detection Threshold
40
V
VOCL
Output Voltage Clamp
“Open LED”
42
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com