Electronic Components Datasheet Search
  English  ▼

X  

PSPT45 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPT45
Description  Triple Output Up to 45 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPT45 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPT45 Datasheet HTML 1Page - Wall Industries,Inc. PSPT45 Datasheet HTML 2Page - Wall Industries,Inc. PSPT45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPT45 Series
Triple Output
Up to 45 Watts
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output Voltage
Output
Current Range
Rated
Output Current
Ripple &
Noise
Output
Power
Channel 1
5 VDC
0.4 ~ 5A
3A
50mVp-p
Channel 2
12 VDC
0.2 ~ 2.5A
2A
120mVp-p
PSPT-45A
Channel 3
-5 VDC
0 ~ 0.5A
0.3A
50mVp-p
40.5W
Channel 1
5 VDC
0.4 ~ 5A
3A
50mVp-p
Channel 2
12 VDC
0.2 ~ 2.5A
2A
120mVp-p
PSPT-45B
Channel 3
-12 VDC
0 ~ 0.5A
0.3A
100mVp-p
42.6W
Channel 1
5 VDC
0.4 ~ 5A
3A
50mVp-p
Channel 2
15 VDC
0.2 ~ 2.3A
1.6A
120mVp-p
PSPT-45C
Channel 3
90~264 VAC
(127~370 VDC)
-15 VDC
0 ~ 0.5A
0.3A
100mVp-p
43.5W
NOTES
1. All parameters not specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz using a 12" twisted pair-wire terminated with 0.1uF & 47uF capacitors in parallel.
3. Tolerance: includes set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-
confirmed that it still meets EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (B)
fosc: 65KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com