Electronic Components Datasheet Search
  English  ▼

X  

PSPW60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPW60
Description  40-60 Watts AC/DC Open Frame Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPW60 Datasheet HTML 1Page - Wall Industries,Inc. PSPW60 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPW60 Series
40-60 Watts
4” x 2” x 1.02” Single Output
AC/DC Open Frame Power Supply
Output Voltage / Current Rating Chart
NOTES:
1. At 25°C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings.
2. Peak-to-peak with 20mHz bandwidth with a tantalum 10uF capacitor in parallel with a 0.1uF ceramic capacitor.
MECHANICAL DRAWING
Model
Output
Voltage
Min Load
Max. Output Current
(convection cooling)
Output
Power
Output
Regulation
Ripple &
Noise
LPS
PSPW040B-1Y05
5 VDC
0A
8A
40W
5%
150mV
PSPW060B-1Y12
12 VDC
0A
5A
60W
3%
150mV
PSPW060B-1Y15
15 VDC
0A
4A
60W
3%
150mV
PSPW060B-1Y19
19 VDC
0A
3.16A
60W
3%
190mV
PSPW060B-1Y24
24 VDC
0A
2.5A
60W
3%
240mV
●
PSPW060B-1Y36
36 VDC
0A
1.67A
60W
2%
300mV
●
PSPW060B-1Y48
48 VDC
0A
1.25A
60W
2%
300mV
●
MATCHING CONNECTORS
CN1 = AC INPUT MOLEX P/N:
09-65-2029 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT)
CN2 = DC OUTPUT MOLEX P/N:
09-65-2048 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-52-4044 (OR EQUIVALENT)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com