Electronic Components Datasheet Search
  English  ▼

X  

PSQP1003D Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSQP1003D
Description  100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSQP1003D Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSQP1003D Datasheet HTML 1Page - Wall Industries,Inc. PSQP1003D Datasheet HTML 2Page - Wall Industries,Inc. PSQP1003D Datasheet HTML 3Page - Wall Industries,Inc. PSQP1003D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSQP100 Series
100 Watt Quad Output
Built-In Active PFC Function
AC/DC Switching Power Supply
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient
temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF &
47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. Line Regulation is measured from low line to high line at rated load.
5. The power supply is considered a component, which will be installed into final equipment. The final equipment
must be re-confirmed that it still meets EMC directives
6. Derating may be needed under low input voltages. Please check the derating curve for more details.
BLOCK DIAGRAM
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE
fosc: 100KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com