Electronic Components Datasheet Search
  English  ▼

X  

PSD412A1 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD412A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD412A1 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD412A1 Datasheet HTML 87Page - STMicroelectronics PSD412A1 Datasheet HTML 88Page - STMicroelectronics PSD412A1 Datasheet HTML 89Page - STMicroelectronics PSD412A1 Datasheet HTML 90Page - STMicroelectronics PSD412A1 Datasheet HTML 91Page - STMicroelectronics PSD412A1 Datasheet HTML 92Page - STMicroelectronics PSD412A1 Datasheet HTML 93Page - STMicroelectronics PSD412A1 Datasheet HTML 94Page - STMicroelectronics PSD412A1 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 123 page
background image
PSD4XX Family
88
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
2.7
3
5.5
V
VIH
High Level Input Voltage
2.7 V < VCC < 5.5 V
.7 VCC
VCC +.5
V
VIL
Low Level Input Voltage
2.7 V < VCC < 5.5 V
–0.5
.3 VCC
V
VIH1
Reset High Level Input Voltage
(Note 1)
.8 VCC
VCC +.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–.5
.2 VCC –.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 2.7 V
0.01
0.1
V
IOL = 4 mA, VCC = 2.7 V
0.15
0.45
V
VOH
Output High Voltage
IOH = –20 µA, VCC = 2.7 V
2.9
2.99
V
IOH = –1 mA, VCC = 2.7 V
2.4
2.6
V
VSBY
SRAM Standby Voltage
2.7
VCC
V
ISBY
SRAM Standby Current
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply
Power Down Mode
CSI >VCC –.3 V (Note 2)
5
15
µA
Current
Sleep Mode
CSI >VCC –.3 V (Note 3)
1
5
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
± 5
10
µA
ZPLD_TURBO = OFF,
See ISB
µA
ICC (DC)
Operating
f = 0 MHz (Note 4)
(Note 5)
Supply Current
ZPLD Only
ZPLD_TURBO = ON,
f = 0 MHz
200
400
µA/PT
ZPLD AC Base
(Note 4)
See
2.0
mA/MHz
Fig 38c
CMiser = ON
EPROM AC Adder
(8-Bit Bus Mode)
0.4
1.0
mA/MHz
ICC (AC)
All Other Cases
0.9
1.7
mA/MHz
(Note 5)
CMiser = ON and
0.7
1.3
mA/MHz
8-Bit Bus Mode
SRAM AC Adder
CMiser = ON and
1
2
mA/MHz
16-Bit Bus MoDe
CMiser = OFF
1.9
3.8
mA/MHz
13.9 DC Characteristics (ZPSD4XXV Versions)
(3.0 V ± 10% Versions)
NOTES: 1.
Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC.
2.
CSI deselected or internal PD is active.
3.
Sleep mode bit is set and internal PD is active.
4.
See ZPLD ICC/Frequency Power Consumption graph for details.
5.
IOUT = 0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com