Electronic Components Datasheet Search
  English  ▼

X  

PSD412A1 Datasheet(PDF) 105 Page - STMicroelectronics

Part # PSD412A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD412A1 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PSD412A1 Datasheet HTML 101Page - STMicroelectronics PSD412A1 Datasheet HTML 102Page - STMicroelectronics PSD412A1 Datasheet HTML 103Page - STMicroelectronics PSD412A1 Datasheet HTML 104Page - STMicroelectronics PSD412A1 Datasheet HTML 105Page - STMicroelectronics PSD412A1 Datasheet HTML 106Page - STMicroelectronics PSD412A1 Datasheet HTML 107Page - STMicroelectronics PSD412A1 Datasheet HTML 108Page - STMicroelectronics PSD412A1 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
PSD4XX Family
102
Symbol
Parameter 14
Conditions Typical15 Max Unit
CIN
Capacitance (for input pins only)
VIN = 0 V
4
6
pF
COUT
Capacitance (for input/output pins)
VOUT = 0 V
8
12
pF
CVPP
Capacitance (for WR/VPP or R/W/VPP)VPP = 0 V
18
25
pF
NOTES: 14. These parameters are only sampled and are not 100% tested.
15. Typical values are for TA = 25°C and nominal supply voltages.
TA = 25 °C, f = 1 MHz
15.0
Pin Capacitance
16.0
AC Testing
Figure 51. AC Testing Load Circuit
17.0
Erasure and
Programming
3.0V
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.01 V
195
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
To clear all locations of their programmed contents, expose the window packaged device
to an ultra-violet light source. A dosage of 30 W second/cm2 is required (40 W second/cm2
for ZPSD4XXV versions). This dosage can be obtained with exposure to a wavelength of
2537 Å and intensity of 12000 µW/cm2 for 40 to 45 minutes (55 to 60 minutes for
ZPSD4XXV versions). The device should be about 1 inch from the source, and all filters
should be removed from the UV light source prior to erasure.
The PSD4XX and similar devices will erase with light sources having wavelengths shorter
than 4000 Å. Although the erasure times will be much longer than with UV sources at 2537
Å, exposure to fluorescent light and sunlight eventually erases the device. For maximum
system reliability, these sources should be avoided. If used in such an environment, the
package windows should be covered by an opaque substance.
Upon delivery from ST, or after each erasure, the PSD4XX device has all bits in the PAD
and EPROM in the “1” or high state. The configuration bits are in the “0” or low state. The
code, configuration, and PAD MAP data are loaded through the procedure of programming
Information for programming the device is available directly from ST. Please contact your
local sales representative.
Figure 50. AC Testing Input/Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com