Electronic Components Datasheet Search
  English  ▼

X  

PSRL0601 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSRL0601
Description  Single Output Up to 320 Watts AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0601 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSRL0601 Datasheet HTML 1Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 2Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 3Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 4Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0601 Series
Single Output
Up to 320 Watts
AC/DC Switching Power Supply
I/O CONNECTOR PIN ASSIGNMENT
Input and Output Connector (CN2):
HowderTerminal block Part No. HB-95-7P or Mating Molex Part No. 09-91-1600 (16 pin).
Output Pin Assignment:
(See table below).
Logic signal connector (CN1): Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03);
Mating Pins: ST SXH-002T-P0.6 FOR AWG 30 to 26.
Mounting Inserts: 8 Places M4X0.7 (8-32 Optional). Maximum Penetration 4mm sees outline drawing for location.
Fan driver connector (FAN2): Mating connector is a Molex P/N 22-01-1022 ( 2 pins 0.98 pitch) or equivalent with
Series 2759 or 5159 terminals.
OUTPUT PIN ASSIGNMENT
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 5: V+
Pins 3 ~ 4: V-
Pins 6 ~ 10: V-
Pin 5: GND
Pin 12: GND
Pin 6: Neutral
Pin 14: Neutral
Pin 7: Line
Pin 16: Line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com