Electronic Components Datasheet Search
  English  ▼

X  

PSD412A2 Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD412A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD412A2 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD412A2 Datasheet HTML 75Page - STMicroelectronics PSD412A2 Datasheet HTML 76Page - STMicroelectronics PSD412A2 Datasheet HTML 77Page - STMicroelectronics PSD412A2 Datasheet HTML 78Page - STMicroelectronics PSD412A2 Datasheet HTML 79Page - STMicroelectronics PSD412A2 Datasheet HTML 80Page - STMicroelectronics PSD412A2 Datasheet HTML 81Page - STMicroelectronics PSD412A2 Datasheet HTML 82Page - STMicroelectronics PSD412A2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
Port Configuration
Reset
Stand-by Mode
Port I/O
Input
Unchanged
ZPLD Output
Active
Depend on Inputs to the ZPLD
Address Out
Tri-stated
Not Defined
Data Port
Tri-stated
Tri-stated
Peripheral I/O
Tri-stated
Tri-stated
PSD4XX Family
76
PSD4XX Family
Register Name
Device
Reset State
Control
Port A, B, C, D, E
Set to “0”
(Address Out Mode)
Data Out
(data or address)
Port A, B, C, D, E
Set to “0”
Direction
Port A, B, C, D, E
Set to “0” – Input Mode
Open Drain
Port C, D
Set to “0” – CMOS Outputs
Page Register
Page Logic
Set to “0”
PMMR0, PMMR1
Power Management Unit
Set to “0”
VM
Volatile Memory
Set to “0”
System
Configuration
(cont.)
Table 24. Registers Reset Values
Table 25. I/O Pin Status During Reset and Standby Mode
12.1 Reset Input
The reset input to the PSD4XX (RESET) is an active low signal which resets some of the
internal devices and configuration registers. The Timing Diagram in the AC/DC
characterization section shows the reset signal timing requirement. The active low range
has a minimum T1 duration. After the rising edge of RESET, the PSD4XX remains in
reset during T2 range. (See Figure 48). The PSD4XX must be reset at power up before it
can be used.
12.2 ZPLD and Memory During Reset
While the Reset Input is active, the ZPLD generates outputs as defined in the PSDabel
equations. The EPROM and SRAM blocks respond to the microcontroller bus cycle during
reset, but the data is not guaranteed.
12.3 Register Values During and After Reset
Table 24 summarizes the status of the volatile register values during and after reset.
The default values of the volatile registers are “0” after reset.
12.4 ZPLD Macrocell Initialization
The D flip flops in the macrocells in the GPLD can be cleared by:
t A product term (.RE) defined by the user in PSDabel, or
t The MACRO-RST (Reset) input, enabled and defined in PSDabel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com