Electronic Components Datasheet Search
  English  ▼

X  

TH12A Datasheet(PDF) 2 Page - Topstek Inc.

Part # TH12A
Description  Topstek Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TH12A Datasheet(HTML) 2 Page - Topstek Inc.

  TH12A Datasheet HTML 1Page - Topstek Inc. TH12A Datasheet HTML 2Page - Topstek Inc. TH12A Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Topstek Current Transducer TH3A .. TH50A
- 39 -
www.topstek.com
TH
V080201
7/1/2008
max
Primary
Secondary pins 4x(0.5x0.25)
Positive current flow direction
4-6A
0.8
1.2
2.2
1.4
1.8
1.2
1.6
13-18.5A
1.2
10-12.5A
e(mm)
6-9A
1.0
Part
Number
1-3A
d(mm)
0.6
PCB mounting hole layout
I -
-15V
Vout
0V
I +
Pin Assignment
+15V
2.4
1.6
20-30A
Bottom View
Appearance, dimensions and pin identification for TH3A .. TH30A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com