Electronic Components Datasheet Search
  English  ▼

X  

TH16A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TH16A
Description  Topstek Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TH16A Datasheet(HTML) 1 Page - Topstek Inc.

  TH16A Datasheet HTML 1Page - Topstek Inc. TH16A Datasheet HTML 2Page - Topstek Inc. TH16A Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Topstek Current Transducer TH3A .. TH50A
- 38 -
www.topstek.com
TH
V080201
7/1/2008
TH 3A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TH3A .. TH50A
TH3A-B12 .. TH50A-B12
Nominal Input Current
Ifn
A DC
3 .. 50
Linear Range
Ifs
A DC
±9 .. ±150 = 3x Ifn
±7.2 .. ±120 = 2.4x Ifn
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
±12V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±16 mA max
Response Time (90%Vhn)
Tr
Psec
5
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of Zero Current Offset
-
mV/°C
Within
±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance @ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
10 g


Similar Part No. - TH16A

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TH16010S1 VITALCONN-TH16010S1 Datasheet
299Kb / 1P
10/100 BASE-T SMT TRANSFORMERS
TH16011S VITALCONN-TH16011S Datasheet
643Kb / 2P
10/100 BASE-T SMT TRANSFORMERS
2021/11/03 (REV:A1)
TH16020S1 VITALCONN-TH16020S1 Datasheet
279Kb / 1P
10/100 BASE-T SMT TRANSFORMERS
TH16030S1 VITALCONN-TH16030S1 Datasheet
249Kb / 1P
10/100BASET-T TRANSFORMER
TH16040S1 VITALCONN-TH16040S1 Datasheet
270Kb / 1P
10/100 BASE-T SMT TRANSFFORMERS
More results

Similar Description - TH16A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
Topstek Current Transducer
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com