Electronic Components Datasheet Search
  English  ▼

X  

PSS150 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSS150
Description  150 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS150 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSS150 Datasheet HTML 1Page - Wall Industries,Inc. PSS150 Datasheet HTML 2Page - Wall Industries,Inc. PSS150 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS150 Series
150 Watt
Single Output
AC/DC Power Supply
FEATURES
● 2 Year Warranty
● Low Cost, High Reliability
● Fixed Switching Frequency
● Compact Size, Light Weight
● AC Input Selectable by Switch
● 100% Full Load Burn-In Tested
● Cooling by Free Air Convection
● EN55022, IEC801-2,3,4 and IEC555-2
● UL1950 and TUV EN60950 Approved
● Built-In EMI Filter, Low Ripple and Noise
● High Efficiency, Low Working Temperature
● Soft Start Circuit, Limiting AC Surge Current
● Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSS150 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
88 ~ 132VAC / 176 ~ 264VAC selected by switch (248 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
3.2A @ 115VAC
1.6A @ 230VAC
Inrush Current (typical)
Cold Start 35A
Leakage Current
< 3.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
PSS-150-5: ±2.0%; Other Models: ±1.0%
Voltage Adjustment Range
See Table
Line Regulation
5 & 7.5V outputs: ±0.5%
9 - 15V outputs: ±0.3%
24 - 48V outputs: ±0.2%
Load Regulation
5 & 7.5V outputs: ±0.5%
9 - 15V outputs: ±0.3%
24 - 48V outputs: ±0.2%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
See Table
Setup, Rise Time
100ms, 50ms @ full load
Hold Up Time (typical)
28ms @ full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
105 ~ 150% rated output power
Protection Type: Shutdown output voltage, re-power on to recover.
Over Voltage Protection
See Table
Protection Type: Shutdown output voltage, re-power on to recover.
GENERAL SPECIFICATIONS
Switching Frequency
25KHz
Efficiency
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Cooling
Free air convection
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
286,700 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
800 grams
Dimensions
199(L) x 110(W) x 50(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL1012, UL60950-1, TUV EN60950-1 Approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light Industry level, criteria A


Similar Part No. - PSS150

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PSS15S92E6-AG MITSUBISHI-PSS15S92E6-AG Datasheet
437Kb / 12P
Dual-In-Line Package Intelligent Power Module
PSS15S92F6-AG MITSUBISHI-PSS15S92F6-AG Datasheet
437Kb / 12P
Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PSS150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
Open Frame 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150U WALL-PSAQF150U Datasheet
173Kb / 3P
U Chassis 150 Watt Single Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
320 Watt Single Output AC/DC Power Supply
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
150 Watt Single Output Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com