Electronic Components Datasheet Search
  English  ▼

X  

PSS240 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSS240
Description  240 Watt Single Output AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSS240 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSS240 Datasheet HTML 1Page - Wall Industries,Inc. PSS240 Datasheet HTML 2Page - Wall Industries,Inc. PSS240 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS240 Series
240 Watt
Single Output
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Ripple &
Noise
Output
Power
Efficiency
PSS-240-5
5 VDC
4.5 ~ 5.8V
6 ~ 7V
40A
150mVp-p
200W
78%
PSS-240-7.5
7.5 VDC
6 ~ 9V
9.4 ~ 10.9V
30A
200mVp-p
225W
80%
PSS-240-12
12 VDC
10 ~ 14V
14.4 ~ 16.8V
18A
150mVp-p
216W
82%
PSS-240-15
15 VDC
12 ~ 18V
18.5 ~ 21.5V
15A
150mVp-p
225W
83%
PSS-240-24
24 VDC
20 ~ 28V
31.2 ~ 36V
10A
180mVp-p
240W
84%
PSS-240-30
30 VDC
27 ~ 33V
34.5 ~ 40.5V
8A
180mVp-p
240W
85%
PSS-240-48
88 ~ 132 VAC
or
176 ~ 264 VAC
48 VDC
41 ~ 56V
57.6 ~ 67.2V
5A
240mVp-p
240W
87%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. This power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (24V)
fosc: 75KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com