Electronic Components Datasheet Search
  English  ▼

X  

PSSP500 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSP500
Description  Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP500 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSP500 Datasheet HTML 1Page - Wall Industries,Inc. PSSP500 Datasheet HTML 2Page - Wall Industries,Inc. PSSP500 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP500 Series
Single Output
Up to 486 Watts
Built-In Active PFC Function
AC/DC Switching Power Supply
FEATURES
● 3 Year Warranty
● Fixed Switching Frequency
● 100% Full Load Burn-In Tested
● Universal AC Input / Full Range
● Built-In Remote Sense Function
● Built-In Remote ON/OFF Control
● Built-In Cooling Fan ON/OFF Control
● Forced Air Cooling by Built-In DC Fan
● Built-In Active PFC Function, PF > 0.95
● Short Circuit, Overload, Over Voltage, and Over Temperature Protected
SPECIFICATIONS: PSSP500 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range (See Note 5)
88 ~ 264VAC (124 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
7A @ 115VAC
3.5A @ 230VAC
Inrush Current (typical)
18A @ 115VAC
36A @ 230VAC
Leakage Current
< 3.5mA @ 240VAC
Power Factor (typical)
PF > 0.95 @ 230VAC
PF > 0.95 @ 115VAC and full load
Remote ON/OFF Control
RC+/RC-: Short = power on; Open = power off
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
1.0%
Voltage Adjustment Range
See Table
Line Regulation
0.5%
Load Regulation
0.5%
Output Current
See Table
Ripple & Noise (max) (See Note 2)
12V - 15V outputs: 240mVp-p; 27V output: 200mVp-p; 48V output: 300mVp-p
Setup, Rise Time
1500ms, 50ms @ full load
Hold Up Time (typical)
24ms @ full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
105 ~ 135% rated output power
Protection Type: Foldback current limiting; recovers automatically after fault condition is removed
Over Voltage Protection
See Table
Protection Type: Hiccup mode; recovers automatically after fault condition is removed
Fan Control, Over Temperature Protection
RTH1 or RTH2 ≥ 50°C FAN ON, ≤ 45°C FAN OFF, ≥ 70°C output shutdown
GENERAL SPECIFICATIONS
Switching Frequency
110KHz
Efficiency (typical)
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +50°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min each along X, Y, Z axes.
Cooling
Forced air cooling by built-in DC fan
MTBF
133,400 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
1900 grams
Dimensions
170(L) x 120(W) x 93(H) mm
Warranty
3 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, light industry level, criteria A


Similar Part No. - PSSP500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP-150-12 WALL-PSSP-150-12 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-13.5 WALL-PSSP-150-13.5 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-15 WALL-PSSP-150-15 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-24 WALL-PSSP-150-24 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-27 WALL-PSSP-150-27 Datasheet
161Kb / 3P
Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
More results

Similar Description - PSSP500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5 WALL-PSRL5017R5 Datasheet
334Kb / 3P
Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com