Electronic Components Datasheet Search
  English  ▼

X  

1N4100 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1N4100
Description  500mW Low Noise Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4100 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1N4100 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4100 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4100 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4100 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4100 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 3 of 5
500mW Low Noise Zener Diodes
1N4614 – 1N4627/1N4099 – 1N4135
Nominal
Zener
Voltage
VZ
@
IZT
(Note1)
Zener
Test
Current
IZT
Maximum
Zener
Impedance
ZZT
Maximum Reverse
Leakage Current
IR @ VR
Maximum
Noise Density
ND @ IZT
(Fig.1)
Maximum
Zener
Current
IZM
(Note2)
Maximum
TEMP. Coeff. Of
Zener Voltage
αvz
Part Number
V
μA
Ω
μA
V
μV/Sq(HZ)
mA
%/° C
1N4120
30
250
200
0.01
22.80
40
13
0.095
1N4121
33
250
200
0.01
25.08
40
12
0.095
1N4122
36
250
200
0.01
27.38
40
11
0.095
1N4123
39
250
200
0.01
29.65
40
9.8
0.095
1N4124
43
250
250
0.01
32.65
40
8.9
0.095
1N4125
47
250
250
0.01
35.75
40
8.1
0.095
1N4126
51
250
300
0.01
38.76
40
7.5
0.100
1N4127
56
250
300
0.01
42.60
40
6.7
0.100
1N4128
60
250
400
0.01
45.60
40
6.4
0.100
1N4129
62
250
500
0.01
47.10
40
6.1
0.100
1N4130
68
250
700
0.01
51.68
40
5.6
0.100
1N4131
75
250
700
0.01
57.00
40
5.1
0.100
1N4132
82
250
800
0.01
62.32
40
4.6
0.100
1N4133
87
250
1000
0.01
66.12
40
4.4
0.100
1N4134
91
250
1200
0.01
69.16
40
4.2
0.100
1N4135
100
250
1500
0.01
76.00
40
3.8
0.100
Note 1: The part numbers shown above have a Zener voltage tolerance of ±5% of the
nominal Zener voltage. VZ is measured with the device junction in thermal equilibrium
at an ambient temperature of 25° C ± 3° C.
Note 2: Based upon 400mW maximum power dissipation at 25° C lead temperature, allowance
has been made for the higher voltage associated with operation at higher currents.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com