Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 2N7002
Description  SMD Signal DMOS Transistor (N-Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2N7002 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  2N7002 Datasheet HTML 1Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 2Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 3Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 4Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 5Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 6Page - TAITRON Components Incorporated 2N7002 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. A/NX 2007-12-22
2N7002
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 7
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
SMD Signal DMOS
Transistor (N-Channel)
SMD Signal DMOS Transistor (N-Channel)
Features
• Voltage Controlled Small Signal Switch
• High Density Cell Design for Low RDS(ON)
• Rugged and Reliable
• High Saturation Current Capablity
• RoHS Compliance
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
0.008 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
2N7002
Unit
Conditions
Marking Code
WA
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current Continuous
300
mA
IDP
Drain Current Pulsed (Note 1)
1200
mA
PD
Drain Power Dissipation (Note 2)
300
mW
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
BVDSS
Drain-Source Breakdown Voltage
60
-
-
V
VGS= 0V, ID=10uA
IDSS
Zero Gate Voltage Drain Current
-
-
1
μA
VDS= 60V, VGS= 0V
IGSSF
Gate-Body Leakage, Forward
-
-
100
VDS= 0V, VGS= 20V
IGSSR
Gate-Body Leakage, Reverse
-
-
-100
nA
VDS= 0V, VGS= -20V
SOT-23


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS807 DIODES-BS807 Datasheet
63Kb / 3P
N-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS11301 Rev. D-3
logo
General Semiconductor
2N7000 GE-2N7000 Datasheet
232Kb / 5P
DMOS Transistors (N-Channel)
2N7002 GE-2N7002 Datasheet
243Kb / 5P
DMOS Transistors (N-Channel)
BS108 GE-BS108 Datasheet
227Kb / 5P
DMOS Transistors (N-Channel)
BS109 GE-BS109 Datasheet
37Kb / 2P
DMOS Transistors (N-Channel)
BS123 GE-BS123 Datasheet
38Kb / 2P
DMOS Transistors (N-Channel)
BS170 GE-BS170 Datasheet
233Kb / 5P
DMOS Transistors (N-Channel)
BS809 GE-BS809 Datasheet
50Kb / 2P
DMOS Transistors (N-Channel)
BS870 GE-BS870 Datasheet
236Kb / 5P
DMOS Transistors (N-Channel)
BS250 GE-BS250 Datasheet
273Kb / 5P
DMOS Transistor (P-Channel)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com