Electronic Components Datasheet Search
  English  ▼

X  

2W005M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 2W005M
Description  2.0A Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2W005M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  2W005M Datasheet HTML 1Page - TAITRON Components Incorporated 2W005M Datasheet HTML 2Page - TAITRON Components Incorporated 2W005M Datasheet HTML 3Page - TAITRON Components Incorporated 2W005M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-05-22
2W005M – 2W10M
2.0A Bridge Rectifiers
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
Page 1 of 4
2.0A Bridge Rectifiers
Features
• Low reverse leakage current
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs (2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS compliant
Mechanical Data
Case:
Molded plastic body
Terminals:
Lead solderable per MIL-STD-202E, Method 208C
Polarity:
As marked on case
Weight:
0.05 ounce, 1.42 gram
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
2W
005M
2W
01M
2W
02M
2W
04M
2W
06M
2W
08M
2W
10M
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current
2.0
A
TA=50˚C
IFSM
Peak Forward Surge Current
50
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.1
V
IF=2.0A
5.0
TA=25°C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per leg
500
µA
TA=100°C
I²t
Rating for Fusing
(1ms<t<8.3ms)
10
A²S
2WOM


Similar Part No. - 2W005M

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005M SURGE-2W005M Datasheet
123Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
Taiwan Semiconductor Co...
2W005M TSC-2W005M Datasheet
75Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M Datasheet
262Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
MIC GROUP RECTIFIERS
2W005M MIC-2W005M Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - 2W005M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
KBJ2A WTE-KBJ2A Datasheet
48Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Leshan Radio Company
2W005 LRC-2W005 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
WILLAS ELECTRONIC CORP
MB22S WILLAS-MB22S Datasheet
191Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
logo
Zibo Seno Electronic En...
KBP201 ZSELEC-KBP201 Datasheet
338Kb / 2P
2.0A BRIDGE RECTIFIER
UR2KB05 ZSELEC-UR2KB05 Datasheet
116Kb / 2P
2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com