Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT25 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V53C16258HT25
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT25 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V53C16258HT25 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT25 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
FAMILY
DEVICE
PKG
( tRAC)
SPEED
PWR.
V
5
3
C
2
5
8
25 (25 ns)
30 (30 ns)
35 (35 ns)
40 (40 ns)
45 (45 ns)
50 (50 ns)
TEMP.
BLANK (0
°C to 70°C)
I (–40
°C to +85°C)
BLANK (NORMAL)
K (SOJ)
H (5V)
T (TSOP-II)
H
16
16258H-01
S (OPTIONAL STANDARD
SELF REFRESH)
S
Pin Names
A0–A8
Address Inputs
RAS
Row Address Strobe
UCAS
Column Address Strobe/Upper Byte Control
LCAS
Column Address Strobe/Lower Byte Control
WE
Write Enable
OE
Output Enable
I/O1–I/O16
Data Input, Output
VCC
+5V Supply
VSS
0V Supply
NC
No Connect
40-Pin SOJ
PIN CONFIGURATION
Top View
5
6
7
8
9
10
11
12
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16258H-02
39
40
38
37
36
35
34
33
32
31
30
29
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
Part Name
Self Refresh
Supply Voltage
Package
Speed
V53C16258HKxx
No Self Refresh
5V
SOJ
25/30/35/40/45/50
V53C16258HTxx
No Self Refresh
5V
TSOP
25/30/35/40/45/50
V53C16258SHKxx
Optional Standard Self Refresh (8ms)
5V
SOJ
25/30/35/40/45/50
V53C16258SHTxx
Optional Standard Self Refresh (8ms)
5V
TSOP
25/30/35/40/45/50
40/44 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
5
6
7
8
9
10
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16258H-03
43
44
42
41
40
39
38
37
36
35
13
14
15
16
17
18
19
20
21
22
32
31
30
29
28
27
26
25
24
23
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com