Electronic Components Datasheet Search
  English  ▼

X  

BAV19 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAV19
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAV19 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAV19 Datasheet HTML 1Page - TAITRON Components Incorporated BAV19 Datasheet HTML 2Page - TAITRON Components Incorporated BAV19 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19~BAV21
HIGH VOLTAGE
SWITCHING DIODES
High Voltage Switching Diodes
Features
• Fast Switching Speed
• High Conductance
• Electrically Identical to JEDEC
• RoHS compliant
Mechanical Data
Case:
DO-35, Molded Glass
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208
Weight:
0. 13 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
BAV19
BAV20
BAV21
Unit
Conditions
VRM
Reverse Voltage
100
150
200
V
VRRM
Peak Reverse Voltage
120
200
250
V
IF(AV)
Forward Rectified Current
200
mA
Resistive Load and f>=50Hz
4
A
tp=1µs Tj=25°C
IFSM
Non-repetitive Peak Forward Surge
Current
1
A
tp=1s Tj=25°C
PD
Power Dissipation above 25° C
500
mW
TJ, TSTG
Operating Junction and Storage
Temperature Range
-65 to +175
° C
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
BAV19
BAV20
BAV21
Unit
Conditions
VF
Forward Voltage
1.0
V
IF= 0.1 A
0.1
Tj = 25 °C
IR
Reverse Current at Rated DC
Blocking Voltage
100
µA
Tj = 150 °C
trr
Reverse Recovery Time
50
ns
From IF= 10mA to IR=1mA,
VR=6V,RL=100Ω
CJ
Typical Junction Capacitance
5
pf
VR=0V, f=1MHz
Rθ-JA
Max. Thermal Resistance
300
° C/W
Thermal Resistance from
Junction to Ambient
DO-35
Rev. A/WW 2006-05-09
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com